Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1971 Datasheet(PDF) 6 Page - ams AG

Part # AS1971
Description  Low-Voltage Single/Dual/Quad Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1971 Datasheet(HTML) 6 Page - ams AG

Back Button AS1971 Datasheet HTML 2Page - ams AG AS1971 Datasheet HTML 3Page - ams AG AS1971 Datasheet HTML 4Page - ams AG AS1971 Datasheet HTML 5Page - ams AG AS1971 Datasheet HTML 6Page - ams AG AS1971 Datasheet HTML 7Page - ams AG AS1971 Datasheet HTML 8Page - ams AG AS1971 Datasheet HTML 9Page - ams AG AS1971 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.austriamicrosystems.com
Revision 1.02
5 - 18
AS1970
Data Sheet - El ectrical Characte ristics
tRISE
OUTx Rise Time
(AS1970/AS1972/AS1974 only)
VCC = 5V, CLOAD = 15pF
32
ns
VCC = 5V, CLOAD = 50pF
50
VCC = 5V, CLOAD = 200pF
80
tFALL
OUTx Fall Time
VCC = 5V, CLOAD = 15pF
22
ns
VCC = 5V, CLOAD = 50pF
32
VCC = 5V, CLOAD = 200pF
60
tPD-
Propagation Delay
AS1970/AS1972/AS1974 only,
CLOAD = 15pF, 10mV Overdrive
400
ns
AS1970/AS1972/AS1974 only,
CLOAD = 15pF, 100mV Overdrive
300
AS1971/AS1973/AS1975 only,
CLOAD = 15pF, RPULLUP = 5.1k
Ω,
10mV Overdrive
400
AS1971/AS1973/AS1975 only, CLOAD =
15pF, RPULLUP = 5.1k
Ω,
100mV Overdrive
300
tPD+
AS1970/AS1972/AS1974 only,
CLOAD = 15pF, 10mV Overdrive
420
AS1970/AS1972/AS1974 only,
CLOAD = 15pF, 100mV Overdrive
270
tPU
Power-Up Time
20
µs
1. Inferred from the VOS test. Both or either inputs can be driven 0.3V beyond either supply rail without output
phase reversal.
2. VOS is defined as the center of the hysteresis band at the input.
3. IB is defined as the average of the two input bias currents (IB-, IB+).
4. Guaranteed by design.
Table 4. Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com