Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2540Q Datasheet(PDF) 13 Page - ams AG

Part # AS2540Q
Description  Remote Controlled Single-Chip-Telephone
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2540Q Datasheet(HTML) 13 Page - ams AG

Back Button AS2540Q Datasheet HTML 9Page - ams AG AS2540Q Datasheet HTML 10Page - ams AG AS2540Q Datasheet HTML 11Page - ams AG AS2540Q Datasheet HTML 12Page - ams AG AS2540Q Datasheet HTML 13Page - ams AG AS2540Q Datasheet HTML 14Page - ams AG AS2540Q Datasheet HTML 15Page - ams AG AS2540Q Datasheet HTML 16Page - ams AG AS2540Q Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet AS2540
austriamicrosystems
Revision 3.1
Page 12 of 18
Transmit characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Test
AMTX
Transmit Gain
M1/M2 —> LS
ZAC(syn)=1000
Ω
+36.5
+38
+39.5
dB
Y
ATTX
Transmit Gain
TIT —> LS
ZAC(syn)=1000
Ω
+6.5
+8
+9.5
dB
Y
THD
Distortion
VLS=0.25VRMS
2%
Y
VAGC
Soft Clip Level
M1/M2 —> LS at LS
2.0
VP
N
ASCO
Soft Clip Overdrive
M1/M2
20
dB
N
ZIN
Input Impedance
M1/M2 - TIT
20
k
Ω
N
VNO
Noise Output Voltage
LS
TAMP=25°C
-72
dBmp
Y
RL
Return Loss
ZAC(syn)=1000
Ω
18
dB
Y
Receive characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Test
AHRX
Receive Gain
LS —> ROH
ZAC(syn)=1000
Ω
+0.5
+2
+3.5
dB
Y
ATRX
Receive Gain
LS —> ROT
ZAC(syn)=1000
Ω
-3.5
-2
-0.5
dB
Y
Y
THD
Distortion
VLS=0.25VRMS
2%
Y
VAGC
Soft Clip Level
ROH
1VP
N
ASCO
Soft Clip Overdrive
ROH
10
dB
N
VNO
Noise Output Voltage
ROH - ROT
TAMP=25°C
-72
dBmp
Y
ZIN
Input Imp. RI
8
k
Ω
N
ST
Sidetone
VRI<=0.25VRMS
24
dB
Y
RL
Return Loss
ZAC(syn)=1000
Ω
18
dB
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com