Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2540Q Datasheet(PDF) 14 Page - ams AG

Part # AS2540Q
Description  Remote Controlled Single-Chip-Telephone
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2540Q Datasheet(HTML) 14 Page - ams AG

Back Button AS2540Q Datasheet HTML 10Page - ams AG AS2540Q Datasheet HTML 11Page - ams AG AS2540Q Datasheet HTML 12Page - ams AG AS2540Q Datasheet HTML 13Page - ams AG AS2540Q Datasheet HTML 14Page - ams AG AS2540Q Datasheet HTML 15Page - ams AG AS2540Q Datasheet HTML 16Page - ams AG AS2540Q Datasheet HTML 17Page - ams AG AS2540Q Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Data Sheet AS2540
austriamicrosystems
Revision 3.1
Page 13 of 18
LD characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Test
t(td)
Flash Duration
DPN pin status can be directly
controlled via serial interface
DTMF characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Test
VMFlow
Tone Level Low Group
LS
-6
dBm
Y
∆VL-H
Preemphasis L-H
2.0
2.6
3.2
dB
Y
UFC
Unwanted Frequency
Components
300Hz - 4.3kHz
4.3kHz - 7kHz
7kHz - 10kHz
10kHz - 14kHz
14kHz - 28.5kHz
28.5kHz – 40kHz
-40
-46
-52
-58
-70
-80
dBm
dBm
dBm
dBm
dBm
dBm
Y
Y
Y
Y
Y
Y
∆f
Frequency Deviation
1.2
%
Y
t(td)
Tone Duration
80
82.3
85
ms
Y
t(itp)
Inter Tone Pause
80
82.3
85
ms
Y
t(mo)
Mute Overhang
6
ms
Y
VCT-H
Comfort Tone (DTMF)
ROH rel. to LS
-30
dB
N
Ringer characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Test
f1
Frequency 1
770
800
830
Hz
Y
f2
Frequency 2
1025
1067
1110
Hz
Y
f3
Frequency 3
1280
1333
1385
Hz
Y
fMIN
Min. Det. Frequency
12
13
14
Hz
Y
fMAX
Max. Det. Frequency
68
70
75
Hz
Y
tDT
Detection Time
Initially
102
ms
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com