Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3510 Datasheet(PDF) 11 Page - ams AG

Part # AS3510
Description  ANALOG AUDIO FRONT-END
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3510 Datasheet(HTML) 11 Page - ams AG

Back Button AS3510 Datasheet HTML 7Page - ams AG AS3510 Datasheet HTML 8Page - ams AG AS3510 Datasheet HTML 9Page - ams AG AS3510 Datasheet HTML 10Page - ams AG AS3510 Datasheet HTML 11Page - ams AG AS3510 Datasheet HTML 12Page - ams AG AS3510 Datasheet HTML 13Page - ams AG AS3510 Datasheet HTML 14Page - ams AG AS3510 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Product Brief AS3510
Rev. 1v2, June 2004
CONFIDENTIAL
Page 10 of 19
Specifications
Electrical Characteristics
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNIT
Note
DCDC Input Supply Voltage
VBAT1.0
-0.5
5.0
V
Battery Input Supply Voltage
BVDD
-0.5
7.0
V
USB Input Supply Voltage
UVDD
-0.5
7.0
V
AVDD Input Supply Voltage
AVDD
-0.5
5.0
V
PVDD Input Supply Voltage
PVDD
-0.5
5.0
V
DVDD Input Supply Voltage
DVDD
-0.5
5.0
V
Voltage between VSS-Terminals
VSS_DCDC, BVSS, AVSS, DVSS
xVSS
-0.5
0.5
V
Voltage at pins:
PowerUp, PLDO3, MICP, MICN,
VREF, AGND, BGND, QLDO3,
QLDO2, SW
Vin
-0.5
AVDD+0.5
V
Voltage at pins:
CSCL, CSDA
Vin
-0.5
5.0
V
no diode to DVDD
Voltage at pins:
AUXL, AUXR, OUTL, OUTR
Vin
-0.5
BVDD+0.5
V
Voltage at pins:
VTREM, DP, DM
Vin
-0.5
5.0
V
All other digital input pins
Vi
-0.5
DVDD+0.5
V
Input Current (latchup immunity)
Iscr
-100
100
mA
Electrostatic Discharge
1
kV
HBM, IEC61000-4-2
Storage Temperature
Tstrg
-55
125
O
C
Soldering conditions
Tlead
240
O
C
IEC61760-1
Humidity non-condensing
5
85
%
Table 11
Table of Absolute Maximum Ratings
Operating Conditions
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Analog Input Supply Voltage
AVDD
2.8
2.9
3.6
V
Digital Input Supply Voltage
DVDD
2.8
2.9
3.6
V
Digital Core Input Supply Voltage
PVDD
1.5
2.5
V
Battery Input Supply Voltage
BVDD
3.0
3.2
5.5
V
DCDC Input Supply Voltage
VBAT1.0
1.0
1.5
3.6
V
USB Input Supply Voltage
UVDD
4.0
5.0
5.5
V
Ambient Temperature
-20
25
85
C
Table 12
Table of Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com