Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3510 Datasheet(PDF) 12 Page - ams AG

Part # AS3510
Description  ANALOG AUDIO FRONT-END
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3510 Datasheet(HTML) 12 Page - ams AG

Back Button AS3510 Datasheet HTML 8Page - ams AG AS3510 Datasheet HTML 9Page - ams AG AS3510 Datasheet HTML 10Page - ams AG AS3510 Datasheet HTML 11Page - ams AG AS3510 Datasheet HTML 12Page - ams AG AS3510 Datasheet HTML 13Page - ams AG AS3510 Datasheet HTML 14Page - ams AG AS3510 Datasheet HTML 15Page - ams AG AS3510 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Product Brief AS3510
Rev. 1v2, June 2004
CONFIDENTIAL
Page 11 of 19
Block Characteristics
Overall
SUPPLY
MIN
TYP
MAX
UNIT
AVDD (AVDD = 2.9 V)
2.6
9
mA
DVDD analog (DVDD = 2.9V)
4.5
8.5
mA
IDD in Power Down
< 1
10
uA
Table 13
Table of Overall Block Characteristics
AudioDAC
PARAMETER
MIN
TYP
MAX
UNIT
ANALOG PERFORMANCE
THD+Noise at –1dB_FS
-85
-75
dB
Dynamic Range (20Hz-20kHz, -60dBFS)
90
93
dB
Interchannel Mismatch
0.25
dB
Table 14
Table of AudioDAC Block Characteristics
Power Amplifier
PARAMETER
MIN
TYP
MAX
UNIT
ANALOG PERFORMANCE
R_Load at AOUTR and AOUTL differential
8
Ohm
R_Load at AOUTR and AOUTL single ended
4
Ohm
Gain Step Precision (RLmin-max,20Hz-20kHz)
±0.5
±
dB
THD @ 1kHz, BVDD=3-5V, Gain=8, no Load
-
-
0.03%
%
PSRR (200Hz-20kHz)
60
-
-
dB
IOUT_powerdown
-20
20
uA
Tpower_up (Cbgnd=100nF)
200
ms
Table 15
Table of Power Amplifier Block Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com