Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658 Datasheet(PDF) 21 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 21 Page - ams AG

Back Button AS3658_07 Datasheet HTML 17Page - ams AG AS3658_07 Datasheet HTML 18Page - ams AG AS3658_07 Datasheet HTML 19Page - ams AG AS3658_07 Datasheet HTML 20Page - ams AG AS3658_07 Datasheet HTML 21Page - ams AG AS3658_07 Datasheet HTML 22Page - ams AG AS3658_07 Datasheet HTML 23Page - ams AG AS3658_07 Datasheet HTML 24Page - ams AG AS3658_07 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
20 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
Example:
Table 6. Step Up Output Voltage (Voltage mode or protection voltage)
Ivtuning
Vstepup_out
Vstepup_out
µA
R1=1M
Ω,R2 not used
R1=500k
Ω,R2=64k Ω
Note: The voltage on pin DCDC_CURR1, DCDC_CURR2 and DCDC_CURR3 must never exceed 15V
0-
11
1-
11.5
2-
12
3
-
12.5
4-
13
5
6.25
13.5
67.25
14
7
8.25
14.5
89.25
15
9
10.25
15.5
10
11.25
16
11
12.25
16.5
12
13.25
17
13
14.25
17.5
14
15.25
18
15
16.25
18.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com