Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658 Datasheet(PDF) 34 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 34 Page - ams AG

Back Button AS3658_07 Datasheet HTML 30Page - ams AG AS3658_07 Datasheet HTML 31Page - ams AG AS3658_07 Datasheet HTML 32Page - ams AG AS3658_07 Datasheet HTML 33Page - ams AG AS3658_07 Datasheet HTML 34Page - ams AG AS3658_07 Datasheet HTML 35Page - ams AG AS3658_07 Datasheet HTML 36Page - ams AG AS3658_07 Datasheet HTML 37Page - ams AG AS3658_07 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
33 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
4…3
GPIO2IOSF
ROM
R/W
00b
input / output signal is written to or set by GPIO2Bit in
the GPIO Bit register
01b
PWM (O) / WDOG (I)
if used for PWM, pwm_h_time and pwm_l_time
define the high and low time of this output and only
allowed for GPIO2Mode=011b,100b
10b
Battery charging active indication output GPIO2 (O)
If Battery charging = 1 then GPIO2=1
11b
NA
5
GPIO2Invert
ROM
R/W
0
normal polarity of input / output signal
1
inverted polarity of input / output signal
(not possible for PWM out)
7…6
GPIO2Pulls
ROM
R/W
00b
no pull-up or pull-down resistor is enabled in all
modes
01b
pull-down resistor is enabled in digital input mode
(clamp disabled)
10b
pull-up resistor is enabled for
GPIO2Mode=000b,010b,011b,100b (clamp disabled)
11b
enable active clamp circuit for
GPIO2Mode=000b,010b,011b,100b (pull-up/down
disabled)
Table 26. CURR3_GPIO3 Bit definition
Addr: 20
GPIO3
This register controls the mode of the CURR3_GPIO3 Pin
Bit
Bit Name
Default Access
Description
2…0
GPIO3Mode
ROM
R/W
000b
digital open drain NMOS output
001b
digital push-pull output (no PWM out possible)
010b
digital input
011b
digital open drain current sink operation Current
defined by curr3_current
100b
digital open drain switch operation On resistance
defined by curr3_current
101b
to
111b
high impedance
4…3
GPIO3IOSF
ROM
R/W
00b
input / output signal is written to or set by GPIO3Bit
in the GPIO Bit register
01b
PWM (O) / WDOG (I)
if used for PWM, pwm_h_time and pwm_l_time
define the high and low time of this output and only
allowed for GPIO2Mode=011b,100b
10b
GPIO3 control of regulators if regX_gpio = 1 and
regX_on = 1
11b
Touchpen ADC wait input
Table 25. CURR2_GPIO2 Bit definition
Addr: 19
GPIO2
This register controls the mode of the CURR1_GPIO2 Pin
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com