Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658B-BCTP Datasheet(PDF) 80 Page - ams AG

Part # AS3658B-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658B-BCTP Datasheet(HTML) 80 Page - ams AG

Back Button AS3658B-BCTP Datasheet HTML 76Page - ams AG AS3658B-BCTP Datasheet HTML 77Page - ams AG AS3658B-BCTP Datasheet HTML 78Page - ams AG AS3658B-BCTP Datasheet HTML 79Page - ams AG AS3658B-BCTP Datasheet HTML 80Page - ams AG AS3658B-BCTP Datasheet HTML 81Page - ams AG AS3658B-BCTP Datasheet HTML 82Page - ams AG AS3658B-BCTP Datasheet HTML 83Page - ams AG AS3658B-BCTP Datasheet HTML 84Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 158 page
background image
Table 74. LDO_DIG1 voltage bit definitions
Addr:06
LDO_DIG1 voltage
These bits control the LDO_DIG1 voltage
Bit
Bit Name
Default Access
Description
Table 75. LDO_DIG2 voltage bit definitions
Addr:07
LDO_DIG2 voltage
These bits control the LDO_DIG2 voltage
Bit
Bit Name
Default Access
Description
Table 76. LDO_DIG3 voltage bit definitions
Addr:08
LDO_DIG3 voltage
These bits control the LDO_DIG3 voltage
Bit
Bit Name
Default Access
Description
Table 77. LDO_DIG4 voltage bit definitions
Addr:09
LDO_DIG4 voltage
These bits control the LDO_DIG4 voltage
Bit
Bit Name
Default Access
Description
Table 78. LDOs Reg Power1 ctrl Bit definitions
Addr:23
Reg Power1 Ctrl
These bits control the on/off function of the ldo regulator
Bit
Bit Name
Default Access
Description
www.austriamicrosystems.com
Revision 1v13
79 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
5:0
ldo_dig1_v
ROM
R/W
Control the voltage selection for LDO DIG_1
(see Table 82)
5:0
ldo_dig2_v
ROM
R/W
Control the voltage selection for LDO DIG_2(see Table 82)
5:0
ldo_dig3_v
ROM
R/W
Control the voltage selection for LDO DIG_3(see Table 82)
5:0
ldo_dig4_v
ROM
R/W
Control the voltage selection for LDO DIG_4(see Table 82)
0
ldo_rf1_on
ROM
R/W
Switch on control of RF1 LDO; Important: Set rf1_sw=0
before setting ldo_rf1_on=1; it is possible to on/off control
LDO RF_1 by CURR3_GPIO3 or CURR4_GPIO4 (see
General Purpose Input / Output (CURR1_GPIO1 …
CURR4_GPIO4) on page 30)
1
ldo_rf2_on
ROM
R/W
Switch on control of RF2 LDO; Important: Set rf2_sw=0
before setting ldo_rf2_on=1; it is possible to on/off control
LDO RF_2 by CURR3_GPIO3 or CURR4_GPIO4 (see
General Purpose Input / Output (CURR1_GPIO1 …
CURR4_GPIO4) on page 30)
2
ldo_dig1_on
ROM
R/W
Switch on control of DIG1 LDO;
it is possible to on/off control LDO DIG_1 by
CURR3_GPIO3 or CURR4_GPIO4 (see General Purpose
Input / Output (CURR1_GPIO1 … CURR4_GPIO4) on
page 30)
3
ldo_dig2_on
ROM
R/W
Switch on control of DIG2 LDO. do not set if DCDC SD1 is
in external controller mode (if sd1_1A_mode = 1100b).
it is possible to on/off control LDO DIG_2 by
CURR3_GPIO3 or CURR4_GPIO4(see General Purpose
Input / Output (CURR1_GPIO1 … CURR4_GPIO4) on
page 30)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com