Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658B-BCTP Datasheet(PDF) 91 Page - ams AG

Part # AS3658B-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658B-BCTP Datasheet(HTML) 91 Page - ams AG

Back Button AS3658B-BCTP Datasheet HTML 87Page - ams AG AS3658B-BCTP Datasheet HTML 88Page - ams AG AS3658B-BCTP Datasheet HTML 89Page - ams AG AS3658B-BCTP Datasheet HTML 90Page - ams AG AS3658B-BCTP Datasheet HTML 91Page - ams AG AS3658B-BCTP Datasheet HTML 92Page - ams AG AS3658B-BCTP Datasheet HTML 93Page - ams AG AS3658B-BCTP Datasheet HTML 94Page - ams AG AS3658B-BCTP Datasheet HTML 95Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
90 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption- Audio Functi ons
9.3
Audio Setup Registers
Audio LDO has to be switched on first (aud_ldo_on=1), and enables all other functions.
Table 89. AudioSet1 Register
Addr:74
Audio Set1
These bits control the Audio functions
Bit
Bit Name
Default Access
Description
0
lin_on
0
R/W
0
Line input disabled
1
Line input enabled
1
dac_on
0
R/W
Switch on control of AUDIO DAC
0
DAC disabled
1
DAC enabled (Switch on, if I2S signal valid only)
2
mix_on
0
R/W
0
Mixer switched off
1
Mixer switched on
3
gnd_sw_on
0
R/W
0
GND switch off 0V at pin GND_SW
1
GND switch on Vsupply at pin GND_SW
4
aud_ldo_on
0
R/W
Audio LDO ON control
0
Audio LDO off
1
Audio LDO on
5
mclk_invert
0
R/W
MCLK invert selection
0
Change of LRCLK at falling edge of MCLK
1
Change of LRCLK at rising edge of MCLK
6
mclk256
0
R/W
0
MCLK = LRCLK* 128
1
MCLK = LRCLK* 256
7
equ_on
0
R/W
0
Equalizer switched off (bypassed)
1
Equalizer switched on
Table 90. AudioSet2Register
Addr:75
Audio Set2
These bits control the Audio functions
Bit
Bit Name
Default Access
Description
1,0
ibr_dac<1:0>
00b
R/W
Bias current reduction settings for DAC:
00
default
01
Don't use
10
Don't use
11
Don't use
2
dith_on
0
R/W
1
add dither to the audio stream
0
no dither added
3
I2S_3_on
0
R/W
0
Switch off I2S_3 output
1
Switch on I2S_3 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com