Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658E-BCTP Datasheet(PDF) 79 Page - ams AG

Part # AS3658E-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658E-BCTP Datasheet(HTML) 79 Page - ams AG

Back Button AS3658E-BCTP Datasheet HTML 75Page - ams AG AS3658E-BCTP Datasheet HTML 76Page - ams AG AS3658E-BCTP Datasheet HTML 77Page - ams AG AS3658E-BCTP Datasheet HTML 78Page - ams AG AS3658E-BCTP Datasheet HTML 79Page - ams AG AS3658E-BCTP Datasheet HTML 80Page - ams AG AS3658E-BCTP Datasheet HTML 81Page - ams AG AS3658E-BCTP Datasheet HTML 82Page - ams AG AS3658E-BCTP Datasheet HTML 83Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
78 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
8.12
Low Dropout Regulators (LDO)
The low dropout regulators are linear high performance regulators with programmable output voltage.
They are controlled by the following registers:
Table 71. LDO_RF1 voltage bit definitions
Addr:03
LDO_RF1 voltage
These bits control the LDO_RF1 voltage and mode
Bit
Bit Name
Default Access
Description
Table 72. LDO_RF2 voltage bit definitions
Addr:04
LDO_RF2 voltage
These bits control the LDO_RF2 voltage and mode
Bit
Bit Name
Default Access
Description
Table 73. LDO_RF3 voltage bit definitions
Addr:05
LDO_RF3 voltage
These bits control the LDO_RF3voltage and mode
Bit
Bit Name
Default Access
Description
4:0
ldo_rf1_v
ROM
R/W
Control the voltage selection for LDO VRF_1
00000 1.85V
… (LSB=50mV)
11111 3.40V
5
rf1_lcurr_en
ROM
R/W
0
current limitation = Ilimit
1
current limitation Ilimit=Ilimit/2
6
rf1_swprot_en
ROM
R/W
If ‘1’ current limitation is enabled, if RF1-LDO is operating
as High side switch
4:0
ldo_rf2_v
ROM
R/W
Control the voltage selection for LDO VRF_2
00000 1.85V
… (LSB=50mV)
11111 3.40V
5
rf2_lcurr_en
ROM
R/W
0
current limitation = Ilimit
1
current limitation Ilimit=Ilimit/2
4:0
ldo_rf3_v
ROM
R/W
Control the voltage selection for LDO VRF_3
00000 1.85V
… (LSB=50mV)
11111 3.40V
5
rf3_lcurr_en
ROM
R/W
0
current limitation = Ilimit
1
current limitation Ilimit=Ilimit/2
6
rf3_hotplug_en
ROM
R/W
0
normal mode
1
200mA current limited switch, if bit rf3_sw=1
(rf3_lcurr_en=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com