Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3658E-BCTP Datasheet(PDF) 39 Page - ams AG

Part # AS3658E-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658E-BCTP Datasheet(HTML) 39 Page - ams AG

Back Button AS3658E-BCTP Datasheet HTML 35Page - ams AG AS3658E-BCTP Datasheet HTML 36Page - ams AG AS3658E-BCTP Datasheet HTML 37Page - ams AG AS3658E-BCTP Datasheet HTML 38Page - ams AG AS3658E-BCTP Datasheet HTML 39Page - ams AG AS3658E-BCTP Datasheet HTML 40Page - ams AG AS3658E-BCTP Datasheet HTML 41Page - ams AG AS3658E-BCTP Datasheet HTML 42Page - ams AG AS3658E-BCTP Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
38 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
8.4
Backup Battery Charger
The backup battery charger operates as a programmable voltage limited current source with a selectable output
resistor. It is enabled by setting BBCMode in the Backup Battery Charger register to a value other than ‘00’b and offers
the following features:
Backup battery presence detection
Selectable output resistor (RBBCOUT) to reduce the current at higher voltages
Programmable charge current IBBC
programmable maximum charging voltage VBBC
Reverse current protection turns off backup battery charger automatically if VSUPPLY<VVBACK; as soon as VSUPPLY
exceeds VVBACK charging is started again automatically
Charging is stopped automatically as soon as the backup battery is fully charged; if the voltage on pin VBACK
drops charging is started again automatically
In case the main supply voltage VSUPPLY is larger than VVBACK charging of the backup battery is possible in state
“Off” as well; the device will check VVBACK every minute to determine if charging is required.
6
sd3_gpio
0
R/W
Sd3 on/off control
0
Controlled by software (sd3_on)
1
Controlled by CURR3_GPIO3, if sd3_on=1 and
GPIO3IOSF=10b
Controlled by CURR4_GPIO4, if sd3_on=0 and
GPIO4IOSF=10b
7
ldo_dig3_gpio
0
R/W
ldo_dig3 on/off control
0
Controlled by software (ldo_dig3_on)
1
Controlled by CURR3_GPIO3, if ldo_dig3_on=1 and
GPIO3IOSF=10b
Controlled by CURR4_GPIO4, if ldo_dig3_on=0 and
GPIO4IOSF=10b
Table 32. Regulator GPIO Control Registers
Addr: 31
Reg GPIO Ctrl
This register enables/disables GPIO control of the regulators
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com