Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3930 Datasheet(PDF) 14 Page - ams AG

Part # AS3930
Description  Single Channel Low Frequency Wakeup Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3930 Datasheet(HTML) 14 Page - ams AG

Back Button AS3930 Datasheet HTML 10Page - ams AG AS3930 Datasheet HTML 11Page - ams AG AS3930 Datasheet HTML 12Page - ams AG AS3930 Datasheet HTML 13Page - ams AG AS3930 Datasheet HTML 14Page - ams AG AS3930 Datasheet HTML 15Page - ams AG AS3930 Datasheet HTML 16Page - ams AG AS3930 Datasheet HTML 17Page - ams AG AS3930 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
www.ams.com/LF-Receiver/AS3930
Revision 1.5
14 - 32
AS3930
Datasheet - Detailed Descr i p ti on
8.2.2 Serial Data Interface (SDI)
This 4-wire interface is used by the Microcontroller (µC) to program the AS3930. The maximum clock operation frequency of the SDI is 2 MHz.
Note:
SDO is set to tristate if CS is low. In this way more than one device can communicate on the same SDO bus.
SDI Command Structure. To program the SDI, the CS signal has to go high. A SDI command is made up of two bytes serial command and
the data is sampled on the falling edge of SCLK. Table 9 shows how the command looks like, from the MSB (B15) to LSB (B0). The command
stream has to be sent to the SDI from the MSB (B15) to the LSB (B0).
The first two bits (B15 and B14) define the operating mode. There are three modes available (write, read, direct command) plus one spare (not
used), as shown in Table 10.
In case a write or read command happens, then the next 6 bits (B13 to B8) define the register address which has to be written respectively read,
as shown in Table 11.
Table 8. Serial Data Interface (SDI) Pins
Name
Signal
Signal Level
Description
CS
Digital Input with pull down
CMOS
Chip Select
SDI
Digital Input with pull down
CMOS
Serial Data input for writing registers, data to transmit and/
or writing addresses to select readable register
SDO
Digital Output
CMOS
Serial Data output for received data or read value of
selected registers
SCLK
Digital Input with pull down
CMOS
Clock for serial data read and write
Table 9. SDI Command Structure
Mode
Register Address / Direct Command
Register Data
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Table 10. Bits B15, B14
B15
B14
Mode
00
WRITE
0
1
READ
1
0
NOT ALLOWED
1
1
DIRECT COMMAND
Table 11. Bits B13-B8
B13
B12
B11
B10
B9
B8
Read/Write Register
000
000
R0
000
001
R1
000
010
R2
000
011
R3
000
100
R4
000
101
R5
000
110
R6
000
111
R7
001
000
R8
001
001
R9
001
010
R10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com