Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3930 Datasheet(PDF) 23 Page - ams AG

Part # AS3930
Description  Single Channel Low Frequency Wakeup Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3930 Datasheet(HTML) 23 Page - ams AG

Back Button AS3930 Datasheet HTML 19Page - ams AG AS3930 Datasheet HTML 20Page - ams AG AS3930 Datasheet HTML 21Page - ams AG AS3930 Datasheet HTML 22Page - ams AG AS3930 Datasheet HTML 23Page - ams AG AS3930 Datasheet HTML 24Page - ams AG AS3930 Datasheet HTML 25Page - ams AG AS3930 Datasheet HTML 26Page - ams AG AS3930 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
www.ams.com/LF-Receiver/AS3930
Revision 1.5
23 - 32
AS3930
Datasheet - Detailed Descr i p ti on
8.6.2 Single Pattern Detection
Figure 18 shows the wake-up protocol in case the pattern correlation is enabled (R1<1>=1) for a 125 kHz carrier frequency. The initial carrier
burst has to be longer than 550 µs and can last maximum 16 bits (see bit rate definition in Table 19). If the ON/OFF mode is used (R1<5>=1),
the minimum value of the maximum carrier burst duration is limited to 10 ms. This is summarized in Table 22. In case the carrier burst is too long
the internal wake-up will be set back to low and the false wake-up counter (R13<7:0>) will be incremented by one.
The carrier burst must be followed by a preamble (0101... modulated carrier with a bit duration defined in Table 19) and the wake-up pattern
stored in the registers R5<7:0> and R6<7:0>. The preamble must have at least 4 bits and the preamble duration together with the pattern
should not be longer than 40 bits. If the wake-up pattern is correct the signal on the WAKE pin is set to high and the data transmission can get
started. To set the chip back to listening mode the direct command clear_wake, as well as the time out option (R7<7:5>) can be used.
Figure 18. Wake-up Protocol Overview with Single Pattern Detection
Table 22. Preamble Requirements in Standard Mode, Scanning Mode and ON/OFF Mode
Bit Rate (bit/s)
Maximum Duration of the Carrier Burst in Standard
Mode and Scanning Mode (ms)
Maximum Duration of the Carrier Burst in ON/OFF
Mode (ms)
8192
1.95
10
6552
2.44
10
5460
2.93
10
4680
3.41
10
4096
3.90
10
3640
4.39
10
3276
4.88
10
2978
5.37
10
2730
5.86
10
Carrier Burst
Preamble
Pattern
Data
WAKE
Clear_wake
DAT
1-bit Preamble
Preamble > 4-bit duration
Preamble + Pattern < 40-bit duration
Carrier Burst>360 us
Carrier Burst<16-bit duration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com