Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3030ECSE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3030ECSE
Description  15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3030ECSE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3030ECSE Datasheet HTML 6Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 7Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 8Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 9Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 10Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 11Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 12Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 13Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
sents the minimum parasitic capacitance that would
exist in a typical application. In most cases, more
capacitance exists in the system and reduces the mag-
nitude of the glitch. During a “hot-swap” event when the
driver is connected to the line and is powered up, the
driver must not cause the differential signal to drop
below 200mV (Figures 12 and 13).
Operation of Enable Pins
The MAX3030E–MAX3033E family has two enable-func-
tional versions.
The MAX3030E/MAX3031E are compatible with
26LS31, where the two enable signals control all four
transmitters (global enable).
The MAX3032E/MAX3033E are compatible with the
SN75174. EN1&2 controls transmitters 1 and 2, and EN
3&4 controls transmitters 3 and 4 (dual enable).
Typical Applications
The MAX3030E–MAX3033E offer optimum performance
when used with the MAX3094E/MAX3096 3.3V quad
differential line receivers. Figure 14 shows a typical RS-
422 connection for transmitting and receiving data.
±15kV ESD-Protected, 3.3V Quad
RS-422 Transmitters
10
______________________________________________________________________________________
4
µs/div
DO_+
DO_+ - DO_-
DO_-
VCC
1V/div
Figure 12. Differential Power-Up Glitch (0.1V/µs)
1.0
µs/div
DO_+
DO_+ - DO_-
DO_-
VCC
1V/div
Figure 13. Differential Power-Up Glitch (1V/µs)
EN
EN
TX1
TX2
TX3
TX4
MODE
0
0
Active
Active
Active
Active
All transmitters active
0
1
High-Z
High-Z
High-Z
High-Z
All transmitters disabled
1
0
Active
Active
Active
Active
All transmitters active
1
1
Active
Active
Active
Active
All transmitters active
Table 1. MAX3030E/MAX3031E Transmitter Controls
EN1&2
EN3&4
TX1
TX2
TX3
TX4
MODE
0
0
High-Z
High-Z
High-Z
High-Z
All transmitters disabled
0
1
High-Z
High-Z
Active
Active
Tx 3 and 4 active
1
0
Active
Active
High-Z
High-Z
Tx 1 and 2 active
1
1
Active
Active
Active
Active
All transmitters active
Table 2. MAX3032E/MAX3033E Transmitter Controls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com