Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3030ECSE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3030ECSE
Description  15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3030ECSE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3030ECSE Datasheet HTML 2Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 3Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 4Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 5Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 6Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 7Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 8Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 9Page - Maxim Integrated Products MAX3030ECSE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
±15kV ESD-Protected, 3.3V Quad
RS-422 Transmitters
6
_______________________________________________________________________________________
Pin Description
ENABLE RESPONSE TIME
MAX3030E toc13
20ns/div
ENABLE
1V/div
DIFFERENTIAL
OUTPUT
2V/div
MAX3033E EYE DIAGRAM
MAX3030E toc14
100ns/div
DO_+
1V/div
DO_-
1V/div
Typical Operating Characteristics (continued)
(VCC = +3.3V and TA = +25°C, unless otherwise noted.)
PIN
MAX3030E/
MAX3031E
MAX3032E/
MAX3033E
NAME
FUNCTION
1, 7, 9, 15
1, 7, 9, 15
DI1, DI2,
DI3, DI4
Transmitter Inputs. When the corresponding transmitter is enabled, a low on DI_ forces
the noninverting output low and inverting output high. Similarly, a high on DI_ forces
noninverting output high and inverting output low.
2, 6, 10, 14
2, 6, 10, 14
DO1+, DO2+,
DO3+, DO4+
Noninverting RS-422 Outputs
3, 5, 11, 13
3, 5, 11, 13
DO1-, DO2-,
DO3-, DO4-
Inverting RS-422 Outputs
4
—
EN
Transmitter Enable Input: Active HIGH. Drive EN HIGH to enable all transmitters. When
EN is HIGH, drive EN LOW to disable (three-state) all the transmitters. The transmitter
outputs are high impedance when disabled. EN is hot-swap protected (see the Hot
Swap section).
8
8
GND
Ground
12
—
EN
Transmitter Enable Input: Active LOW. Drive EN LOW to enable all transmitters. When
EN is LOW, drive EN HIGH to disable all the transmitters. The transmitter outputs are
high impedance when disabled. EN is hot-swap protected (see the Hot Swap section).
—
4
EN1&2
Transmitter Enable Input for Channels 1 and 2. Drive EN1&2 HIGH to enable the
corresponding transmitters. Drive EN1&2 LOW to disable the corresponding
transmitters. The transmitter outputs are high impedance when disabled. EN1&2 is hot-
swap protected (see the Hot Swap section).
—
12
EN3&4
Transmitter Enable Input for Channels 3 and 4. Drive EN3&4 HIGH to enable the
corresponding transmitters. Drive EN3&4 LOW to disable the corresponding
transmitters. The transmitter outputs are high impedance when disabled. EN3&4 is hot-
swap protected (see the Hot Swap section).
16
16
VCC
Positive Supply; +3V
≤ VCC ≤ +3.6V. Bypass VCC to GND with a 0.1µF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com