Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3030ECUE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3030ECUE
Description  15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3030ECUE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3030ECUE Datasheet HTML 1Page - Maxim Integrated Products MAX3030ECUE Datasheet HTML 2Page - Maxim Integrated Products MAX3030ECUE Datasheet HTML 3Page - Maxim Integrated Products MAX3030ECUE Datasheet HTML 4Page - Maxim Integrated Products MAX3030ECUE Datasheet HTML 5Page - Maxim Integrated Products MAX3030ECUE Datasheet HTML 6Page - Maxim Integrated Products MAX3030ECUE Datasheet HTML 7Page - Maxim Integrated Products MAX3030ECUE Datasheet HTML 8Page - Maxim Integrated Products MAX3030ECUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
±15kV ESD-Protected, 3.3V Quad
RS-422 Transmitters
_______________________________________________________________________________________
3
SWITCHING CHARACTERISTICS—MAX3030E, MAX3032E
(3V
≤ VCC ≤ 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Driver Propagation Delay
Low to High
tDPLH
Driver Propagation Delay
High to Low
tDPHL
RL = 100
Ω, CL = 50pF, Figures 2, 3
8
16
ns
Differential Transition Time, Low
to High
tR
Differential Transition Time, High
to Low
tF
RL = 100
Ω, CL = 50pF (10% to 90%),
Figures 2, 3
10
ns
Differential Skew (Same Channel)
|tDPLH - tDPHL|
tSK1
Skew Driver to Driver
(Same Device)
tSK2
RL = 100
Ω, CL = 50pF, VCC = 3.3V
±2
ns
Skew Part to Part
tSK3
RL = 100
Ω, CL = 50pF, VCC = 3.3V,
∆TMAX = +5°C
5ns
Maximum Data Rate
20
Mbps
Driver Enable to Output High
tDZH
S2 closed, RL = 500
Ω, CL = 50pF,
Figures 4, 5
50
ns
Driver Enable to Output Low
tDZL
S1 closed, RL = 500
Ω, CL = 50pF,
Figures 4, 5
50
ns
Driver Disable Time from Low
tDLZ
S1 closed, RL = 500
Ω, CL = 50pF,
Figures 4, 5
50
ns
Driver Disable Time from High
tDHZ
S2 closed, RL = 500
Ω, CL = 50pF,
Figures 4, 5
50
ns
SWITCHING CHARACTERISTICS—MAX3031E, MAX3033E
(3V
≤ VCC ≤ 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Driver Propagation Delay
Low to High
tDPLH
Driver Propagation Delay
High to Low
tDPHL
RL = 100
Ω, CL = 50pF, Figures 2, 3
40
70
ns
Differential Transition Time,
Low to High
tR
Differential Transition Time,
High to Low
tF
RL = 100
Ω, CL = 50pF (10% to 90%),
Figures 2, 3
15
50
ns
Differential Skew (Same Channel)
|tDPLH - tDPHL|
tSK1
Skew Driver to Driver
(Same Device)
tSK2
RL = 100
Ω, CL = 50pF, VCC = 3.3V
±10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com