Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3030ECUE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3030ECUE
Description  15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3030ECUE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3030ECUE Datasheet HTML 1Page - Maxim Integrated Products MAX3030ECUE Datasheet HTML 2Page - Maxim Integrated Products MAX3030ECUE Datasheet HTML 3Page - Maxim Integrated Products MAX3030ECUE Datasheet HTML 4Page - Maxim Integrated Products MAX3030ECUE Datasheet HTML 5Page - Maxim Integrated Products MAX3030ECUE Datasheet HTML 6Page - Maxim Integrated Products MAX3030ECUE Datasheet HTML 7Page - Maxim Integrated Products MAX3030ECUE Datasheet HTML 8Page - Maxim Integrated Products MAX3030ECUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX3030E–MAX3033E family of quad RS-422
transmitters send digital data transmission signals over
twisted-pair balanced lines in accordance with TIA/EIA-
422-B and ITU-T V.11 standards. All transmitter outputs
are protected to ±15kV using the Human Body Model.
The MAX3030E–MAX3033E are available with either a
2Mbps or 20Mbps guaranteed baud rate. The 2Mbps
baud rate transmitters feature slew-rate-limiting to mini-
mize EMI and reduce reflections caused by improperly
terminated cables.
The 20Mbps baud rate transmitters feature low-static
current consumption (ICC < 100µA), making them ideal
for battery-powered and power-conscious applications.
They have a maximum propagation delay of 16ns and a
part-to-part skew less than 5ns, making these devices
ideal for driving parallel data. The MAX3030E–
MAX3033E feature hot-swap capability that eliminates
false transitions on the data cable during power-up or
hot insertion.
The MAX3030E–MAX3033E are low-power, ESD-pro-
tected, pin-compatible upgrades to the industry-stan-
dard 26LS31 and SN75174. They are available in
space-saving 16-pin TSSOP and SO packages.
Applications
Telecom Backplanes
V.11/X.21 Interface
Industrial PLCs
Motor Control
Features
o Meet TIA/EIA-422-B (RS-422) and ITU-T V.11
Recommendation
o ±15kV ESD Protection on Tx Outputs
o Hot-Swap Functionality
o Guaranteed 20Mbps Data Rate (MAX3030E,
MAX3032E)
o Slew-Rate-Controlled 2Mbps Data Rate
(MAX3031E, MAX3033E)
o Available in 16-Pin TSSOP and Narrow SO
Packages
o Low-Power Design (<330µW, VCC = 3.3V Static)
o +3.3V Operation
o Industry-Standard Pinout
o Thermal Shutdown
±15kV ESD-Protected, 3.3V Quad
RS-422 Transmitters
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2671; Rev 0; 10/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX3030ECSE
0°C to +70°C
16 SO (Narrow)
MAX3030ECUE
0°C to +70°C
16 TSSOP
MAX3030EESE
-40°C to +85°C
16 SO (Narrow)
MAX3030EEUE
-40°C to +85°C
16 TSSOP
MAX3031ECSE
0°C to +70°C
16 SO (Narrow)
MAX3031ECUE
0°C to +70°C
16 TSSOP
MAX3031EESE
-40°C to +85°C
16 SO (Narrow)
MAX3031EEUE
-40°C to +85°C
16 TSSOP
MAX3032ECSE
0°C to +70°C
16 SO (Narrow)
MAX3032ECUE
0°C to +70°C
16 TSSOP
MAX3032EESE
-40°C to +85°C
16 SO (Narrow)
MAX3032EEUE
-40°C to +85°C
16 TSSOP
MAX3033ECSE
0°C to +70°C
16 SO (Narrow)
MAX3033ECUE
0°C to +70°C
16 TSSOP
MAX3033EESE
-40°C to +85°C
16 SO (Narrow)
MAX3033EEUE
-40°C to +85°C
16 TSSOP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
DI1
VCC
DI4
DO4+
DO4-
DO3-
DO3+
DI3
TOP VIEW
MAX3030E/
MAX3031E
TSSOP/SO
DO1+
DO1-
DO2+
EN
DO2-
DI2
GND
EN
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
DI1
VCC
DI4
DO4+
DO4-
DO3-
DO3+
DI3
MAX3032E/
MAX3033E
TSSOP/SO
DO1+
DO1-
DO2+
EN1&2
DO2-
DI2
GND
EN3&4
Pin Configurations


Similar Part No. - MAX3030ECUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3030ECUE MAXIM-MAX3030ECUE Datasheet
326Kb / 14P
짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
More results

Similar Description - MAX3030ECUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3030E MAXIM-MAX3030E Datasheet
326Kb / 14P
짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
STMicroelectronics
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
/-15 kV ESD protected, low power RS-485/RS-422 transceiver
07-Feb-2008
logo
Intersil Corporation
ISL32172E INTERSIL-ISL32172E Datasheet
1Mb / 20P
QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
logo
Analog Devices
ADM4168E AD-ADM4168E Datasheet
290Kb / 12P
15 kV ESD Protected Dual RS-422 Transceiver
REV. 0
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM3485E AD-ADM3485E_V01 Datasheet
303Kb / 16P
±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM4168E AD-ADM4168E_V01 Datasheet
381Kb / 12P
±15 kV ESD Protected, Dual RS-422 Transceiver
Rev. B
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com