Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953 Datasheet(PDF) 35 Page - ams AG

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953 Datasheet(HTML) 35 Page - ams AG

Back Button AS3953_07 Datasheet HTML 31Page - ams AG AS3953_07 Datasheet HTML 32Page - ams AG AS3953_07 Datasheet HTML 33Page - ams AG AS3953_07 Datasheet HTML 34Page - ams AG AS3953_07 Datasheet HTML 35Page - ams AG AS3953_07 Datasheet HTML 36Page - ams AG AS3953_07 Datasheet HTML 37Page - ams AG AS3953_07 Datasheet HTML 38Page - ams AG AS3953_07 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
www.ams.com
Revision 1.0
35 - 42
AS3953
Datasheet - A pp l ic a t io n I n f or m a t i on
FIFO Status Register 1.
Note:
At power-up and after direct commands
Set Default and Clear content of this register is set to 0.
FIFO Status Register 2.
Note:
At power-up and after direct commands
Set Default and Clear content of this register is set to 0
Address# 0Ch : FIFO Status 1
Type: R
Bit
Name
Function
Comments
7
RFU
6
RFU
5
fifo_b5
Number of data bytes (binary coded) in the FIFO
which were not read out
Valid range is from 000000 to 100000
000000 means that there are no data bytes to
be read out
4
fifo_b4
3
fifo_b3
2
fifo_b2
1
fifo_b1
0
fifo_b0
Address# 0Dh : FIFO Status 2
Type: R
Bit
Name
Function
Comments
7
RFU
6
fifo_unf
FIFO underflow
Set when more bytes than the actual content
of FIFO are read
5
fifo_ovr
FIFO overflow
4
fifo_ncp
Last FIFO byte is not complete
3
fifo_lb2
Number of bits in last FIFO byte in case it was not
complete (fifo_npc=1)
MSB bits valid
2
fifo_lb1
1
fifo_lb0
0
np_lb
Parity bit is missing in last byte
This is a framing error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com