Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953 Datasheet(PDF) 37 Page - ams AG

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953 Datasheet(HTML) 37 Page - ams AG

Back Button AS3953_07 Datasheet HTML 33Page - ams AG AS3953_07 Datasheet HTML 34Page - ams AG AS3953_07 Datasheet HTML 35Page - ams AG AS3953_07 Datasheet HTML 36Page - ams AG AS3953_07 Datasheet HTML 37Page - ams AG AS3953_07 Datasheet HTML 38Page - ams AG AS3953_07 Datasheet HTML 39Page - ams AG AS3953_07 Datasheet HTML 40Page - ams AG AS3953_07 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
www.ams.com
Revision 1.0
37 - 42
AS3953
Datasheet - P ac k a ge D ra w i n gs a nd M a r ki n gs
9 Package Drawings and Markings
The device is available in a MLPD (3x3x0.9mm) 10-pin, WL-CSP 10-bumps package. Gold bumped dies are also available.
Figure 15. MLPD (3x3x0.9mm) 10-pin Package Diagram
Marking: XXXX - Encoded Date Code.
XXXX
AS39
Notes:
1. Dimensions and tolerancing conform to
ASME Y14.5M-1994.
2. All dimensions are in millimeters. Angles are in degrees.
3. Coplanarity applies to the exposed heat slug as well as the terminal.
4. Radius on terminal is optional.
5. N is the total number of terminals.
Symbol
Min
Nom
Max
A
0.80
0.90
1.00
A1
0
0.02
0.05
A3
0.20 REF
L
0.30
0.40
0.50
b
0.18
0.25
0.30
D
3.00 BSC
E
3.00 BSC
e
0.50 BSC
D2
2.23
2.38
2.48
E2
1.49
1.64
1.74
aaa
-
0.15
-
bbb
-
0.10
-
ccc
-
0.10
-
ddd
-
0.05
-
eee
-
0.08
-
N10
53A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com