Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5030 Datasheet(PDF) 21 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 21 Page - ams AG

Back Button AS5030_07 Datasheet HTML 17Page - ams AG AS5030_07 Datasheet HTML 18Page - ams AG AS5030_07 Datasheet HTML 19Page - ams AG AS5030_07 Datasheet HTML 20Page - ams AG AS5030_07 Datasheet HTML 21Page - ams AG AS5030_07 Datasheet HTML 22Page - ams AG AS5030_07 Datasheet HTML 23Page - ams AG AS5030_07 Datasheet HTML 24Page - ams AG AS5030_07 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
21 - 44
AS5030
Datasheet - Detailed Descri p ti on
7.11 2-Wire Daisy Chain Mode
The AS5030 can also be connected in 2-wire Daisy Chain mode, requiring only two signals (Clock and Data) for any given number of daisy-
chained devices. Note that the connection of all devices except the last device is the same as for the 3-wire connection (see Figure 17). The last
device must have pin C2 (#15) set to ‘high’ and feeds the DX signal to CS of the first device.
Again, each device should be buffered with a 100nF cap (shown only for the last device).
The total number of serial bits is: n*21, where n is the number of connected devices. Note that this configuration requires one extra clock (#1) to
initiate the generation of the CS signal for the first device. After reading the last device, the communication must be reset back to the first device
by introducing a timeout of CLK (no rising edge for >24µs)
Figure 19. 2-wire Daisy Chain Mode
Figure 20. Timing Diagram in 2-wire Daisy Chain Mode
#1
100n
CS
CLK
DI O
+5 V
VDD
VSS
VSS
C 2
VDD
VDD
13
11
10
12
15
C1
VSS
3
14
I/O
Output
DX
#2
CS
CLK
DI O
C2
VDD
13
11
10
12
15
C1
VSS
3
14
DX
(last device)
CS
CLK
DI O
C2
VDD
13
11
10
12
15
C1
VSS
3
14
DX
AS5030
Micro
Controller
AS5030
AS5030
CLK
CS (#1)
AS 5030 # 1
CMD 3
DIO
12
3
4
56
78
CMD 1
CMD 2
CMD 0
D15
D14
CMD 4
CMD 3
21
22
23
24
25
26
CMD 1
CMD 2
CMD 0
D 15
D14
CMD 4
27
28
29
D0
CMD 3
42
43
44
CMD 2
CMD 4
D0
AS5030 # 2
AS5030 # 3
CS (#2)
CS (#3)
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com