Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5030 Datasheet(PDF) 5 Page - ams AG

Part # AS5030
Description  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 5 Page - ams AG

  AS5030_07 Datasheet HTML 1Page - ams AG AS5030_07 Datasheet HTML 2Page - ams AG AS5030_07 Datasheet HTML 3Page - ams AG AS5030_07 Datasheet HTML 4Page - ams AG AS5030_07 Datasheet HTML 5Page - ams AG AS5030_07 Datasheet HTML 6Page - ams AG AS5030_07 Datasheet HTML 7Page - ams AG AS5030_07 Datasheet HTML 8Page - ams AG AS5030_07 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
5 - 44
AS5030
Datasheet - Absolute Maximum Rat i ngs
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 6 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD
Supply voltage
-0.3
7
V
Except during OTP programming
VIN
Input pin voltage
VSS - 0.5 VDD + 0.5
V
Iscr
Input current (latch-up immunity)
-100
100
mA
Norm: Jedec 78
Electrostatic Discharge
ESD
Electrostatic Discharge
±2
kV
Norm: MIL 883 E method 3015
ΘJA
Package thermal resistance
137
°C/W
Still Air / Single Layer PCB
89
°C/W
Still Air / Multilayer PCB
Temperature Ranges and Storage Conditions
Tstrg
Storage temperature
-55
+150
°C
Min -67ºF; Max +257ºF
TBODY
Body temperature
260
°C
The reflow peak soldering temperature
(body temperature) specified is in
accordance with IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity Classification
for Non-Hermetic Solid State Surface
Mount Devices”.
The lead finish for Pb-free leaded packages
is matte tin (100% Sn).
Humidity non-condensing
5
85
%
MSL
Moisture Sensitive Level
3
Represents a maximum floor time of 168h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com