Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040 Datasheet(PDF) 3 Page - ams AG

Part # AS5040
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040 Datasheet(HTML) 3 Page - ams AG

  AS5040_09 Datasheet HTML 1Page - ams AG AS5040_09 Datasheet HTML 2Page - ams AG AS5040_09 Datasheet HTML 3Page - ams AG AS5040_09 Datasheet HTML 4Page - ams AG AS5040_09 Datasheet HTML 5Page - ams AG AS5040_09 Datasheet HTML 6Page - ams AG AS5040_09 Datasheet HTML 7Page - ams AG AS5040_09 Datasheet HTML 8Page - ams AG AS5040_09 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
2 - 33
4
Pin Configuration
Figure 2: Pin Configuration SSOP16
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
MagINCn
MagDECn
A_LSB_U
B_Dir_V
NC
Index_W
VSS
Prog
DO
CLK
CSn
PWM_LSB
NC
NC
VDD3V3
VDD5V
Pin Description
Table 2 shows the description of each pin of the standard SSOP16 package (Shrink Small Outline Package, 16 leads,
body size: 5.3mm x 6.2mmm; see Figure 2).
Pins 7, 15 and 16 are supply pins, pins 5, 13 and 14 are for internal use and must not be connected.
Pins 1 and 2 are the magnetic field change indicators, MagINCn and MagDECn (magnetic field strength increase or
decrease through variation of the distance between the magnet and the device). These outputs can be used to detect
the valid magnetic field range. Furthermore those indicators can also be used for contact-less push-button
functionality.
Pins 3, 4 and 6 are the incremental pulse output pins. The functionality of these pins can be configured through
programming the one-time programmable (OTP) register.
Table 1: Pin Assignment for the Different Incremental Output Modes
Output Mode
Pin 3
Pin 4
Pin 6
Pin 12
1.x: quadrature
A
B
Index
PWM
2.x:step/direction
LSB
Direction
Index
PWM
3.x: commutation
U
V
W
LSB
Mode 1.x: Quadrature A/B Output
Represents the default quadrature A/B signal mode.
Mode 2.x: Step / Direction Output
Configures pin 3 to deliver up to 512 pulses (up to 1024 state changes) per revolution. It is equivalent to the LSB
(least significant bit) of the absolute position value. Pin 4 provides the information of the rotational direction.
Both modes (mode 1.x and mode 2.x) provide an index signal (1 pulse/revolution) with an adjustable width of one LSB
or three LSB’s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com