Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040 Datasheet(PDF) 4 Page - ams AG

Part # AS5040
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040 Datasheet(HTML) 4 Page - ams AG

  AS5040_09 Datasheet HTML 1Page - ams AG AS5040_09 Datasheet HTML 2Page - ams AG AS5040_09 Datasheet HTML 3Page - ams AG AS5040_09 Datasheet HTML 4Page - ams AG AS5040_09 Datasheet HTML 5Page - ams AG AS5040_09 Datasheet HTML 6Page - ams AG AS5040_09 Datasheet HTML 7Page - ams AG AS5040_09 Datasheet HTML 8Page - ams AG AS5040_09 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
3 - 33
Table 2 Pin Description SSOP16
Pin
Symbol
Type
Description
1
MagINCn
DO_OD
Magnet Field Magnitude INCrease; active low, indicates a distance
reduction between the magnet and the device surface.
2
MagDECn
DO_OD
Magnet Field Magnitude DECrease; active low, indicates a distance
increase between the device and the magnet.
3
A_LSB_U
DO
Mode1.x:
Quadrature A channel
Mode2.x: L
east Significant Bit
Mode3.x: U
signal (phase1)
4
B_Dir_V
DO
Mode1.x
: Quadrature B channel quarter period shift to channel A.
Mode2.x: Dir
ection of Rotation
Mode3.x: V
signal (phase2)
5
NC
-
Must be left unconnected
6
Index_W
DO
Mode1.x and Mode2.x
: Index signal indicates the absolute zero position
Mode3.x
: W signal (phase3)
7
VSS
S
Negative Supply Voltage (GND)
8
Prog
DI_PD
OTP Programming Input and Data Input for Daisy Chain mode. Internal
pull-down resistor (~74k
Ω).
May be connected to VSS if programming is not used
9
DO
DO_T
D
ata Output of Synchronous Serial Interface
10
CLK
DI, ST
Cl
ock Input of Synchronous Serial Interface; Schmitt-Trigger input
11
CSn
DI_PU, ST
C
hip Select, active low; Schmitt-Trigger input, internal pull-up resistor
(~50k
Ω) connect to VSS in incremental mode (see 0)
12
PWM_LSB
DO
P
ulse Width Modulation of approx. 1kHz; LSB in Mode3.x
13
NC
-
Must be left unconnected
14
NC
-
Must be left unconnected
15
VDD3V3
S
3V-Regulator Output (see Figure 19)
16
VDD5V
S
Positive Supply Voltage 5 V
DO_OD
digital output open drain
S
supply pin
DO
digital output
DI
digital input
DI_PD
digital input pull-down
DO_T
digital output /tri-state
DI_PU
digital input pull-up
ST
Schmitt-Trigger input
Mode 3.x: Brushless DC Motor Commutation Mode
In addition to the absolute encoder output over the SSI interface, this mode provides commutation signals for
brushless DC motors with either one pole pair or two pole pair rotors. The commutation signals are usually provided
by 3 discrete Hall switches, which are no longer required, as the AS5040 can fulfill two tasks in parallel: absolute
encoder + BLDC motor commutation.
In this mode, pin 12 provides the LSB output instead of the PWM (Pulse-Width-Modulation) signal.
Pin 8 (Prog) is also used to program the different incremental interface modes, the incremental resolution and the
zero position into the OTP (see page 18).
This pin is also used as digital input to shift serial data through the device in Daisy Chain configuration,
(see page 11).
Pin 11 Chip Select (CSn; active low) selects a device within a network of AS5040 encoders and initiates serial data
transfer. A logic high at CSn puts the data output pin (DO) to tri-state and terminates serial data transfer. This pin is
also used for alignment mode (page 21) and programming mode (page 16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com