Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP11 Datasheet(PDF) 5 Page - Analog Devices

Part # OP11
Description  Quad Matched 741-Type Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP11 Datasheet(HTML) 5 Page - Analog Devices

  OP11 Datasheet HTML 1Page - Analog Devices OP11 Datasheet HTML 2Page - Analog Devices OP11 Datasheet HTML 3Page - Analog Devices OP11 Datasheet HTML 4Page - Analog Devices OP11 Datasheet HTML 5Page - Analog Devices OP11 Datasheet HTML 6Page - Analog Devices OP11 Datasheet HTML 7Page - Analog Devices OP11 Datasheet HTML 8Page - Analog Devices OP11 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
OP11
Rev. B | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Supply Voltage (VS)
±22 V
Differential Input Voltage
±30 V
Input Voltage
Supply Voltage
Output Short-Circuit Duration
Continuous
(One Amp Only)
Storage Temperature Range
−65°C to +125°C
Lead Temperature (Soldering, 60 sec)
300°C
Operating Temperature Range
0°C to 70°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 6. Thermal Resistance
Package Type
θJA1
θJC
Unit
14-Lead PDIP (N-14)
83
39
°C/W
1 θJA is specified for worst-case conditions, that is, θJA is specified for device in
socket for PDIP.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com