Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP11 Datasheet(PDF) 8 Page - Analog Devices

Part # OP11
Description  Quad Matched 741-Type Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP11 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP11 Datasheet HTML 4Page - Analog Devices OP11 Datasheet HTML 5Page - Analog Devices OP11 Datasheet HTML 6Page - Analog Devices OP11 Datasheet HTML 7Page - Analog Devices OP11 Datasheet HTML 8Page - Analog Devices OP11 Datasheet HTML 9Page - Analog Devices OP11 Datasheet HTML 10Page - Analog Devices OP11 Datasheet HTML 11Page - Analog Devices OP11 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
OP11
Rev. B | Page 8 of 12
20
0
–20
0
200
400
600
800
TIME (ns)
VS = ±15V
RL = 2kΩ
TA = 25°C
CL = 100pF
Figure 15. Transient Response
2
0
–2
–3
3
1
–1
2
6
10
14
18
20
04
8
12
16
TIME (µs)
VS = ±15V
RL = 2kΩ
TA = 25°C
CL = 100pF
Figure 16. Voltage Follower Pulse Response
28
(27)
24
20
16
12
8
4
0
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±15V
RL = 2kΩ
TA = 25°C
Figure 17. Maximum Output Swing vs. Frequency
POSITIVE SWING
NEGATIVE SWING
VS = ±15V
TA = 25°C
16
14
12
10
8
6
4
2
0
0.1
1
10
LOAD RESISTANCE TO GROUND (kΩ)
Figure 18. Output Voltage Swing vs. Load Resistance
5
4
3
2
1
TA = 25°C
010
20
30
TOTAL SUPPLY VOLTAGE (V)
0
40
Figure 19. Quiescent Current vs. Total Supply Voltage
VS = ±15V
140
130
120
110
100
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 20. Power Consumption vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com