Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSADC85 Datasheet(PDF) 1 Page - API Technologies Corp

Part # HSADC85
Description  12-Bit, 10關S Hybrid ADC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

HSADC85 Datasheet(HTML) 1 Page - API Technologies Corp

  HSADC85 Datasheet HTML 1Page - API Technologies Corp HSADC85 Datasheet HTML 2Page - API Technologies Corp HSADC85 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
12-Bit, 10µS H ybrid AD C
H S AD C85
D ata Converter Line
FEATURES
• –55ºC to +125ºC Operation
• M IL-STD-883 Processing
• 10 µS Conversion Time
• Low Power, 1.32W (max)
• Replacement for A DC85/84 and ADC-HX12B/HZ12B
DESCRIPTION
The HS A DC85 is specifically designed to replace
the A DC581,. A DC85/84 and A DC-HX12B/HZ12B.
Complete with internal clock, reference and input
buffer amplifier, the HS A DC85 can also be used
with an external clock for synchronization (see
EXTERNA L CLOCK section under A PPLICA TIONS
INFORM A TION). Conversion speeds of 10 µs for 12-
Bit operation and 8 µs for 10-Bit operation allows
the HS A DC85 to be used in a wide range of
applications. Short cycle and internal clock rate
may also be externally adjusted to provide faster
conversion speeds at lower resolutions. Gain and
offset can be externally trimmed to zero,
providing full-scale accuracy of ±0.012% ±1/2 LSB.
Data is obtainable in both parallel and serial form
with corresponding clock and status signals.
Digital input and output signals are DTL/TTL
compatible. Other features include:
Low Power — A 33% reduction in power
dissipation allows the HS A DC85 to operate
reliably at high temperatures without failure due
to excessive package heating. Total power
consumed is only 1.32 W maximum.
Selectable Input Ranges — Input scaling resistors
allow the selection of input ranges of ±2.5V , ±5V ,
±10V , 0 to +5V or 0 to +10V .
Reliability — Packaged in a 32-pin hermetically sealed
case and utilizing advanced devices and laser-
trimmed thin film resistors, the HS A DC85 is one of
the most reliable analog-to-digital converters to date.
Specified over the –55ºC to +125ºC temperature
range, it has a low linearity drift specification of only
±2 ppm/ºC maximum. A ll “ B” versions of the HS
A DC85 series are fully screened and tested to M IL-
STD-883 Rev. C, Level B requirements.
20
32
14
21
17
19
18
29
30
STA TUS
SERIA L OUT
SHORT CY CLE
STA RT
CLOCK
RA TE CONTROL
CLOCK
OUT
REF OUT
BUFFER OUT
BUFFER IN
FUNCTIONAL DIAGRAM
13
1
2
3
4
5
6
7
8
9 10 11 12
LSB
M SB M SB
SA R
DA C
COM P
CLOCK
REF
–
+
–
+
26
31
15
16
28
A NA GND
DIG GND
+5V
– 5V
– 15V
27
24
25
23
22
GA IN
10V
20V
BIPOLA R
165Cedar Hill Street,Marlborough,MA01752 Tel:508.485.6350 Fax: 508.485.5168
www.SpectrumMicrowave.com


Similar Part No. - HSADC85

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSA-X-1-40 ETC2-HSA-X-1-40 Datasheet
68Kb / 2P
1.1 GHz High-Speed Amplifier
HSA-X-2-40 ETC2-HSA-X-2-40 Datasheet
68Kb / 2P
2 GHz High-Speed Amplifier
logo
TE Connectivity Ltd
HSA10 TEC-HSA10 Datasheet
180Kb / 4P
Aluminium Housed Power Resistors
HSA10 TEC-HSA10 Datasheet
180Kb / 4P
Aluminium Housed Power Resistors
logo
Tyco Electronics
HSA1010RJ MACOM-HSA1010RJ Datasheet
180Kb / 4P
Type HS Series
More results

Similar Description - HSADC85

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1743 LINER-LTC1743 Datasheet
517Kb / 24P
12-Bit, 50Msps ADC
LTM2220-AA LINER-LTM2220-AA_15 Datasheet
203Kb / 12P
12-Bit, 170Msps ADC
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
12-Bit, 50Msps ADC
LTC2224 LINER-LTC2224_15 Datasheet
616Kb / 24P
12-Bit, 135Msps ADC
LTC2153-12 LINER-LTC2153-12_15 Datasheet
592Kb / 24P
12-Bit 310Msps ADC
LTC2241-12 LINER-LTC2241-12_15 Datasheet
740Kb / 30P
12-Bit, 210Msps ADC
LTC2242-12 LINER-LTC2242-12_15 Datasheet
480Kb / 30P
12-Bit, 250Msps ADC
logo
Amphenol Corporation
NPX-C017 AMPHENOL-NPX-C017 Datasheet
89Kb / 4P
12 bit ADC
logo
PADAUK Technology.
PMC232 PADAUK-PMC232 Datasheet
1Mb / 94P
12-bit ADC Enhanced
logo
Maxim Integrated Produc...
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
65Msps, 12-Bit ADC
2004
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com