Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSADC85 Datasheet(PDF) 3 Page - API Technologies Corp

Part # HSADC85
Description  12-Bit, 10關S Hybrid ADC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

HSADC85 Datasheet(HTML) 3 Page - API Technologies Corp

  HSADC85 Datasheet HTML 1Page - API Technologies Corp HSADC85 Datasheet HTML 2Page - API Technologies Corp HSADC85 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SPECIFICA TIONS
(Typical @ +25ºC and rated power supply unless otherwise noted)
SERIES
HS A DC85
POW ER SUPPLY
Requirements
+15V , Rated
+14.25 to +15.75V @ 28 mA (max)
–15V , Rated
–14.25V to+15.75V @ 30 mA (max)
+5V , Rated
+4.75V to +5.25V @ 91 mA (max)
Rejection Ratio
+15V Supply
±0.005% F.S.R,/% V s
–15V Supply
±0.005% F.S.R,/% V s
+5V Supply
±0.002% F.S.R,/% V s
Power Consumption
1.32W (max)
TEM PERA TURE
Operating
–55ºC to +125ºC B V ersion
ºC to 70ºC
C V ersion
M ECHA NICA L
Case Style
32-Pin Hermetic M etal
NOTES
1. For 20V step to 0.01% . Settling Time adds to Conversion Time when buffer is connected to input.
2. DTL/TTL compatible, i.e. logic “ 0” = 0.8V max. logic “ 1” = 2.0V min., for inputs and. for digital outputs, logic “ 0” = +0.4V max. and logic “ 1” = 2.4V min.
3. See TIM ING DIA GRA M under A PPLICA TIONS INFORM A TION.
4. HS A DC85 can accept external clock. See TIM ING DIA GRA M under A PPLICA TIONS INFORM A TION.
5. Externally adjustable, see OPTIONA L OFFSET A ND GA IN A DJUSTM ENTS under A PPLICA TIONS INFORM A TION.
CA SE ENV ELOPE DIM ENSIONS
1.150
(29.21)
M A X
0.900
(22.86)
0.220
(5.588)
M IN
0.018 ±0.002
(0.457 ±0.050)
0.220
(5.588)
M A X
1.750
(44.45)
M A X
0.100
(2.540)
TY P
0.10
(2.54)
TOP V IEW
RED DOT
INDICA TES PIN 1
DIM ENSIONS
INCHES
(M M )
0.10
(2.54)
1
32
16
17
PIN
FUNCTION
PIN
FUNCTION
1
BIT12(LSB)
32
SERIA L OUT
2
BIT 11
31
–15V
3
BIT 10
30
BUFFER IN
4
BIT 9
29
BUFFER OUT
5
BITS
28
+15V
6
BIT 7
27
GA IN A DJ.
7
BIT 6
26
A NA LOG GND.*
8
BIT 5
25
20V RA NGE
9
BIT 4
24
10V RA NGE
10
BIT 3
23
BIPOLA R OFFSET
11
BIT 2
22
COM PA RA TOR IN
12
BIT 1(M SB)
21
STA RT
13
BIT 1 (M SB)
20
STA TUS
14
SHORT CY CLE
19
CLOCK OUT
15
DIGITA L GND.
18
REF OUT
16
+5V
17CLOCK RA TE CONTROL* *
•
DIGITA L GND (Pin 15), and A NA LOG GND (Pin 26) should be tied
together as close to the unit as possible. If these grounds must be run
separately, use a wide conductor pattern and a nonpolarized 0.01 jiF to
0.1 p,F bypass capacitor between the two.
* * See A PPLICA TIONS INFORM A TION for connections.
PIN A SSIGNM ENTS
HS ADC85 SERIES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com