Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC7005RGZ Datasheet(PDF) 13 Page - Texas Instruments

Part # CDC7005RGZ
Description  3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC7005RGZ Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDC7005RGZ Datasheet HTML 9Page - Texas Instruments CDC7005RGZ Datasheet HTML 10Page - Texas Instruments CDC7005RGZ Datasheet HTML 11Page - Texas Instruments CDC7005RGZ Datasheet HTML 12Page - Texas Instruments CDC7005RGZ Datasheet HTML 13Page - Texas Instruments CDC7005RGZ Datasheet HTML 14Page - Texas Instruments CDC7005RGZ Datasheet HTML 15Page - Texas Instruments CDC7005RGZ Datasheet HTML 16Page - Texas Instruments CDC7005RGZ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
CDC7005
3.3V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
SCAS685L− DECEMBER 2002 − REVISED JUNE 2009
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range, VCC, AVCC (see Note 2)
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 3)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 3)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current (VI < 0, VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current for LVPECL outputs (0 < VO < VCC)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
125
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
2. All supply voltages must be the same value and must be supplied at the same time.
NOTES:
3. The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
package thermal resistance for RGZ (QFN) package (see Note 4 and Note 5)
AIRFLOW (LFM)
qJA (5C/W)
qJC (5C/W)
qJP (5C/W)
YJT (5C/W)
0
29.9
22.4
1.5
0.2
15
24.7
0.2
250
23.2
0.2
500
21.5
0.3
NOTE 4: The package thermal impedance is calculated in accordance with JESD 51 and JEDEC2S2P (high-k board).
NOTE 5: Connected to GND with nine thermal vias (0,3 mm diameter).
package thermal resistance for ZVA (BGA) package (see Note 6)
AIRFLOW (m/s)
qJA (5C/W)
qJC (5C/W)
qJB (5C/W)
YJT (5C/W)
0
54
29.9
44.5
0.9
1
49
0.9
2.5
47.2
0.9
NOTE 6: The package thermal impedance is calculated in accordance with JESD 51 and JEDEC2S2P (high-k board).
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
3.6
V
Operating free-air temperature, TA
−40
85
°C
Low-level input voltage LVCMOS, VIL
0.3 VCC
V
High-level input voltage LVCMOS, VIH
0.7 VCC
V
Input threshold voltage LVCMOS, VIT
0.5 VCC
V
High-level output current LVCMOS, IOH
−6
mA
Low-level output current LVCMOS, IOL
6
mA
Input voltage range LVCMOS, VI
0
3.6
V
Input amplitude LVPECL, VINPP [(VVCXO_IN − VVCXO_INB), See Note 7]
0.5
1.3
V
Common-mode input voltage LVPECL, VIC
VCC−2
VCC−0.4
V
NOTE 7: VINPP minimum and maximum is required to maintain ac specifications; the actual device function tolerates at a minimum
VINPP of 100 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com