Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC7005RGZ Datasheet(PDF) 19 Page - Texas Instruments

Part # CDC7005RGZ
Description  3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC7005RGZ Datasheet(HTML) 19 Page - Texas Instruments

Back Button CDC7005RGZ Datasheet HTML 15Page - Texas Instruments CDC7005RGZ Datasheet HTML 16Page - Texas Instruments CDC7005RGZ Datasheet HTML 17Page - Texas Instruments CDC7005RGZ Datasheet HTML 18Page - Texas Instruments CDC7005RGZ Datasheet HTML 19Page - Texas Instruments CDC7005RGZ Datasheet HTML 20Page - Texas Instruments CDC7005RGZ Datasheet HTML 21Page - Texas Instruments CDC7005RGZ Datasheet HTML 22Page - Texas Instruments CDC7005RGZ Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
CDC7005
3.3V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
SCAS685L− DECEMBER 2002 − REVISED JUNE 2009
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
application specific device characteristics over recommended operating free-air temperature
range (unless otherwise noted)
PARAMETER
REF_IN
PHASE
NOISE AT
VCXO
PHASE
NOISE AT
Yn PHASE NOISE AT
30.72 MHz
UNIT
PARAMETER
NOISE AT
30.72 MHz
NOISE AT
245.76 MHz
MIN
TYP†
MAX
UNIT
phn10
Phase noise at 10 Hz
−115
−77
−105
dBc/Hz
phn100
Phase noise at 100 Hz
−125
−95
−116
dBc/Hz
phn1k
Phase noise at 1 kHz
−131
−118
−135
dBc/Hz
phn10k
Phase noise at 10 kHz
−136
−136
−147
dBc/Hz
phn100k
Phase noise at 100 kHz
−138
−138
−152
dBc/Hz
phn240k
Phase noise at 240 kHz
−140
−143
−152
dBc/Hz
tstabi
PLL stabilization time, (see Note 15)
200
ms
† Output phase noise is dependent on the noise of the REF_IN clock and VCXO clock noise floor.
NOTES: 15. The typical stabilization time is based on the above application example at a loop bandwidth of 20 Hz.
16. For further explanations as well as phase noise/jitter test results using various VCXOs, see application note SCAA067.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com