Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5048A Datasheet(PDF) 7 Page - ams AG

Part # AS5048A
Description  Magnetic Rotary Encoder 14-bit Angular Position Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5048A Datasheet(HTML) 7 Page - ams AG

Back Button AS5048A Datasheet HTML 3Page - ams AG AS5048A Datasheet HTML 4Page - ams AG AS5048A Datasheet HTML 5Page - ams AG AS5048A Datasheet HTML 6Page - ams AG AS5048A Datasheet HTML 7Page - ams AG AS5048A Datasheet HTML 8Page - ams AG AS5048A Datasheet HTML 9Page - ams AG AS5048A Datasheet HTML 10Page - ams AG AS5048A Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Revision 1.3
www.a ustriamicrosystems.com
Page 6 of 29
AS5048A/AS5048B
Magnetic Rotary Encoder
14-bit Angular Position Sensor
Datasheet
2
Electrical Characteristics
2.1
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings“ may cause permanent damage to the device. These are stress ratings only. Functional operation of
the device at these or any other conditions beyond those indicated under “Operating Conditions” is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit
Note
DC supply voltage at VDD pin
VDD5V
-0.3
7
V
DC voltage at VDD3V pin
VDD3V
-0.3
5
V
DC voltage at GND pin
GND
-0.3
0.3
V
Input pin voltage
V_in
VDD+0.3
V
Input current (latchup immunity)
I_scr
-100
100
mA
Norm: Jedec 78
Electrostatic discharge
ESD
+/-2
kV
Norm: MIL 883 E method 3015
Total power dissipation (all supplies and
outputs)
P_t
150
mW
Storage temperature
T_strg
-55
150
°C
Package body temperature
T_body
260
°C
The reflow peak soldering
temperature (body
temperature)specified is in
accordance with IPC/JEDEC J-
STD-020 “Moisture Solid State
Surface Mount Devices”. The lead
finish from Pb-free leaded
packages is matte tin (100% Sn)
Humidity non-condensing
H
5
85
%
Moisture Sensitive Level
MSL
3
Represents a maximum floor life
time of 168h
Ta ble 2 Abs olute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com