Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5048A Datasheet(PDF) 6 Page - ams AG

Part # AS5048A
Description  Magnetic Rotary Encoder 14-bit Angular Position Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5048A Datasheet(HTML) 6 Page - ams AG

Back Button AS5048A Datasheet HTML 2Page - ams AG AS5048A Datasheet HTML 3Page - ams AG AS5048A Datasheet HTML 4Page - ams AG AS5048A Datasheet HTML 5Page - ams AG AS5048A Datasheet HTML 6Page - ams AG AS5048A Datasheet HTML 7Page - ams AG AS5048A Datasheet HTML 8Page - ams AG AS5048A Datasheet HTML 9Page - ams AG AS5048A Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Revision 1.3
www.a ustriamicrosystems.com
Page 5 of 29
AS5048A/AS5048B
Magnetic Rotary Encoder
14-bit Angular Position Sensor
Datasheet
1
Pin Configuration
Figure 1 : Pin configuration TSSOP1 4
1.1
Pin Description
Pin
AS5048A
Type
Description
AS5048B
Type
Description
1
CSn
DI_ST
SPI chip select - active low
SDA
DIO_OD
Data pin I2C interface
2
CLK
DI_ST
SPI clock input
SCL
DI_ST
I2C clock input
3
MISO
DIO_ST
SPI master in/slave out
A2
DI_ST
I2C address selection pin 3
4
MOSI
DI_ST
SPI master out/slave in
A1
DI_ST
I2C address selection pin 4
5
TEST
AIO
Test pin, see Note
Same as AS5048A
6
TEST
AIO
Test pin, see Note
7
TEST
AIO
Test pin, see Note
8
TEST
AIO
Test pin, see Note
9
TEST
AIO
Test pin, see Note
10
TEST
AIO
Test pin, see Note
11
VDD5V
S
Positive Supply Voltage, 3.0 to 5.5 V
12
VDD3V
S
3.3V Regulator output; internally regulated
from VDD. Connect to VDD for 3V supply
voltage. 10 F capacitor to GND required in
5V operation mode
13
GND
S
Negative Supply Voltage (GND)
14
PWM
DO
Pulse Width Modulation output
Table 1 : Pin description TSSOP14
PIN Types:
S
...
supply pad
AIO
...
analog I/O
DI_ST
…
digital input with schmitt trigger
DO
...
digital output – push-pull
DIO _ST
...
digital I/O with schmitt trigger in the input path
DIO _OD
...
digital I/O with open drain output
Note: Pin 5, 6, 7, 8, 9, 10 should be grounded to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com