Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5130 Datasheet(PDF) 13 Page - ams AG

Part # AS5130
Description  8-Bit Programmable Magnetic Rotary Encoder with Motion Detection Multiturn
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 13 Page - ams AG

Back Button AS5130_07 Datasheet HTML 9Page - ams AG AS5130_07 Datasheet HTML 10Page - ams AG AS5130_07 Datasheet HTML 11Page - ams AG AS5130_07 Datasheet HTML 12Page - ams AG AS5130_07 Datasheet HTML 13Page - ams AG AS5130_07 Datasheet HTML 14Page - ams AG AS5130_07 Datasheet HTML 15Page - ams AG AS5130_07 Datasheet HTML 16Page - ams AG AS5130_07 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
www.austriamicrosystems.com/AS5130
Revision 1.12
12 - 41
AS5130
Datasheet - Detailed Descr i pti on
The minimum PWM pulse width tON (PWM = high) is 1 LSB @ 0º (Angle reading = 00H). 1LSB = nom. ,0.556µs. The PWM pulse width increases
with 1LSB per step. At the maximum angle 358.6º (Angle reading = FFH), the pulse width tON (PWM = high) is 256 LSB and the pause width tOFF
(PWM = low) is 1 LSB. This leads to a total period (tON + tOFF) of 257LSB.
Figure 9. PWM Output Signal
This means that the PWM pulse width is (position + 1) LSB, where position is 0….255.
The tolerance of the absolute pulse width and frequency can be eliminated by calculating the angle with the duty cycle rather than with the
absolute pulse width:
angle [ 8 - bit ] =
-1
(EQ 1)
results in an 8-bit value from 00H to FFH,
angle [ º ] =
(EQ 2)
results in a degree value from 0º ...358.6º
Note:
The absolute frequency tolerance is eliminated by dividing tON by (tON+TOFF), as the change of the absolute timing effects both TON
and TOFF in the same way.
7.1.4 Analog Output
The AS5130 can generate a ratiometric analog output voltage by low-pass filtering the PWM output. Figure 10 shows a simple passive 2nd order
low pass filter as an example. In order to minimize the ripple on the analog output, the cut-off frequency of the low pass filter should be well below
the PWM base frequency.
Table 8. PWM Signal Parameters
Position
Angle
LSB @ High
t_high
Low Column
t_low
Duty-Cycle
0
0º
1
0.556µs
256
142.3µs
0.39%
127
178.59º
128
71.15µs
129
71.7µs
49.4%
128
180º
129
71.7µs
128
71.15µs
50.2%
255
358.59º
256
142.3µs
1
0.556µs
99.6%
5V
PWM out
0.556µs
142.3µs
71.7µs
71.15µs
0.556µs
142.3µs
ton
toff
0
128
255
Position
257
t
ON
t
ON
t
OFF
+
--------------------------
⎝⎠
⎛⎞
360
256
---------
257
t
ON
t
ON
t
OFF
+
--------------------------
⎝⎠
⎛⎞
1
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com