Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5130 Datasheet(PDF) 2 Page - ams AG

Part # AS5130
Description  8-Bit Programmable Magnetic Rotary Encoder with Motion Detection Multiturn
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 2 Page - ams AG

  AS5130_07 Datasheet HTML 1Page - ams AG AS5130_07 Datasheet HTML 2Page - ams AG AS5130_07 Datasheet HTML 3Page - ams AG AS5130_07 Datasheet HTML 4Page - ams AG AS5130_07 Datasheet HTML 5Page - ams AG AS5130_07 Datasheet HTML 6Page - ams AG AS5130_07 Datasheet HTML 7Page - ams AG AS5130_07 Datasheet HTML 8Page - ams AG AS5130_07 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
AS5130
8-Bit Programmable Magnetic Rotary Encoder with Motion Detection
& Multiturn
www.austriamicrosystems.com/AS5130
Revision 1.12
1 - 41
Datasheet
1 General Description
The AS5130 is a contactless magnetic rotary encoder for accurate
angular measurement over a full turn of 360º. It is a system-on-chip,
combining integrated Hall elements, analog front end and digital
signal processing in a single device. The angle can be measured
using only a simple two-pole magnet rotating over the center of the
chip. The magnet may be placed above or below the IC. The
absolute angle measurement provides instant indication of the
magnet’s angular position with a resolution of 8 bit = 256 positions
per revolution. This digital data is available as a serial bit stream and
as a PWM signal. The AS5130 can be operated in pulsed mode
(Vsupply=off), which reduces the average power consumption
significantly. During Vsupply=off, the measured angle can be stored
using an internal storage register supplied by a low power voltage
line. This mode achieves very low power consumption during polling
of the rotary position of the magnet. If the position of the magnet
changes, then the motion detection feature wakes up an external
system. The device is capable of counting the amount of magnet
revolutions. The multi turn counter value is stored in a register and
can be read in addition to the angle information. Furthermore, any
arbitrary position can be set as zero-position. The system is tolerant
to misalignment, air gap variations, temperature variations and
external magnetic fields and high reliability due to non-contact
sensing.
Figure 1. AS5130 Block Diagram
2 Key Features
360º contactless angular position encoding
Two digital 8-bit absolute outputs:
- Serial interface
- Pulse width modulated (PWM) output
User programmable zero position
High speed: up to 30000 rpm
Failure detection mode for magnet placement monitoring and
loss of power supply
Wide temperature range: -40ºC to +125ºC
Multi Turn counter / Movement detection
Small Pb-free package: SSOP-16 (5.3mm x 6.2mm)
Automotive qualified to AEC-Q100, grade 1
3 Applications
The AS5130 is an ideal solution for Ignition key position sensing,
Steering wheel position sensing, Transmission gearbox encoder,
Front panel rotary switches and replacement of Potentiometers.
Tracking ADC
& Angle
Decoder
Hall Array
&
Frontend
Amplifier
Power Management
OTP
Absolute
Serial
Interface
(SSI)
DIO
PWM
DCLK
PROG
CS
PWM Decoder
Cos
Sin
AGC
C1
Mag
Zero
Postion
AGC
Ang
CAO
AS5130
SINP / SINN / COSP / COSN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com