Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5132 Datasheet(PDF) 19 Page - ams AG

Part # AS5132
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5132 Datasheet(HTML) 19 Page - ams AG

Back Button AS5132 Datasheet HTML 15Page - ams AG AS5132 Datasheet HTML 16Page - ams AG AS5132 Datasheet HTML 17Page - ams AG AS5132 Datasheet HTML 18Page - ams AG AS5132 Datasheet HTML 19Page - ams AG AS5132 Datasheet HTML 20Page - ams AG AS5132 Datasheet HTML 21Page - ams AG AS5132 Datasheet HTML 22Page - ams AG AS5132 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
www.ams.com
Revision 1.4
19 - 27
AS5132
Datasheet - Detailed Descri p ti on
Figure 20. Dynamic and Static Pre-Commutation
7.3.5 Hysteresis of the Incremental Outputs
A hysteresis is implemented to get a stable output value at the SSI command and to reduce jitter at the PWM and UVW outputs. At start up the
hysteresis counter is at 0, the range is ±1 LSB. The hysteresis can be deactivated by setting OTP bit Hyst_dis.
Figure 21. Hysteresis of the Outputs
120
180
2 pole pairs, Counter Clockwise rotation
electrical angle
mechanical angle
0
60
180
240
300
60
120
0
2 pole pairs, Clockwise rotation
electrical angle
mechanical angle
0
60
180
240
300
60
120
180
120
0
30
90
120
150
210
240
270
60
0
180
Dynamic pre-commutation 0x00 … 0x3F
Static pre-commutation 0x00...0x06
Dynamic pre-commutation 0x00 … 0x3F
Static pre-commutation 0x00… 0x06
0
30
90
120
150
210
240
270
60
180
U
V
W
U
V
W
Effect of Hysteresis
CW rotation
CCW rotation
0
Magnet Position
Angle Output
123456
0
1
2
3
4
5
aN
aN
-1
0
1
Hysteresis counter startup value
Counter Range: 3 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com