Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5132 Datasheet(PDF) 3 Page - ams AG

Part # AS5132
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5132 Datasheet(HTML) 3 Page - ams AG

  AS5132 Datasheet HTML 1Page - ams AG AS5132 Datasheet HTML 2Page - ams AG AS5132 Datasheet HTML 3Page - ams AG AS5132 Datasheet HTML 4Page - ams AG AS5132 Datasheet HTML 5Page - ams AG AS5132 Datasheet HTML 6Page - ams AG AS5132 Datasheet HTML 7Page - ams AG AS5132 Datasheet HTML 8Page - ams AG AS5132 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
www.ams.com
Revision 1.4
3 - 27
AS5132
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Pin Type
Description
1
VDDP
Supply
Supply voltage for the selected pins
1
1. VDDP can be customized to the voltage levels of the peripheral circuitry to economize voltage level drivers.
2S
Digital output
Step output (8mA, VDDP)
3W_I
Commutation output or incremental output
4V_B
5PROG
Supply
Programming voltage input
6VSS
Supply ground
7
U_A
Digital output
Commutation output or incremental output
8
VDD
Supply
Positive supply voltage
9
COM / INC
Digital input / Schmitt-Trigger
Selection of the output mode. This pin is also used for external
clock mode (VDDP)
10
TC
Analog input
Test pin. Set to low in application
11
Test0
Analog input /output
Test pin, selection of output format for incremental or step mode
12
Test1
13
Test2
14
Test3
15
DIO
Bi-directional digital
Data I/O for serial interface (VDDP)
16
CSN
Digital input / Schmitt-Trigger
Chip select input (active low) (VDDP)
17
CLK
Clock input for serial interface (VDDP)
18
DIR
Input signal for the pre-commutation at start-up (VDDP)
19
Diag
Digital output / Open Drain
Diagnostic output (open drain)
20
PWM
Digital output
PWM output (8mA, VDDP)
2
3
4
5
6
7
8
1
VDDP
10
9
17
16
15
14
13
12
11
19
18
20
S
U_A
VSS
PROG
V_B
W_I
TC
COM/INC
VDD
PWM
Diag
Test3
DIO
CSN
CLK
DIR
Test0
Test1
Test2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com