Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5161 Datasheet(PDF) 11 Page - ams AG

Part # AS5161
Description  12-Bit Magnetic Angle Position Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5161 Datasheet(HTML) 11 Page - ams AG

Back Button AS5161 Datasheet HTML 7Page - ams AG AS5161 Datasheet HTML 8Page - ams AG AS5161 Datasheet HTML 9Page - ams AG AS5161 Datasheet HTML 10Page - ams AG AS5161 Datasheet HTML 11Page - ams AG AS5161 Datasheet HTML 12Page - ams AG AS5161 Datasheet HTML 13Page - ams AG AS5161 Datasheet HTML 14Page - ams AG AS5161 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AS5161
Datasheet - Detailed Descr i p ti on
www.ams.com
Revision 1.1
10 - 35
8.2 PWM Output
By default (after programmed CUST_LOCK OTP bit) the PWM output mode is selected. The pin OUT provides a modulated signal that is
proportional to the angle of the rotating magnet. Due to an intelligent approach a permanent short circuit will not damage the device. This is also
feasible in a high voltage condition up to 20 V and at the highest specified ambient temperature.
After the digital signal processing (DSP) a PWM engine provides the output signal.
The DSP maps the application range to the output characteristic. An inversion of the slope is also programmable to allow inversion of the rotation
direction.
An on-chip diagnostic feature handles the error state at the output. Depending on the failure the output is in HiZ condition or indicates a PWM
signal within the failure bands of 4 – 96 % duty cycle. (see Table 9)
8.2.1 Programming Parameters
The PWM output characteristic is programmable by OTP. Depending on the application, the output can be adjusted. The user can program the
following application specific parameters:
These parameters are input parameters. Using the available programming software and programmer these parameters are converted and finally
written into the AS5161 128 bit OTP memory.
T1
Mechanical angle start point
T2
Mechanical angle end point
T1Y
% duty cycle level at the T1 position
T2Y
% duty cycle level at the T2 position
CLL
Clamping Level Low
CLH
Clamping Level High
BP
Break point (transition point 0 to 360º)
C1
Calibration Point 1
C2
Calibration Point 2
C1Y
Trim value for C1
C2Y
Trim value for C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com