Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5161 Datasheet(PDF) 16 Page - ams AG

Part # AS5161
Description  12-Bit Magnetic Angle Position Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5161 Datasheet(HTML) 16 Page - ams AG

Back Button AS5161 Datasheet HTML 12Page - ams AG AS5161 Datasheet HTML 13Page - ams AG AS5161 Datasheet HTML 14Page - ams AG AS5161 Datasheet HTML 15Page - ams AG AS5161 Datasheet HTML 16Page - ams AG AS5161 Datasheet HTML 17Page - ams AG AS5161 Datasheet HTML 18Page - ams AG AS5161 Datasheet HTML 19Page - ams AG AS5161 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
AS5161
Datasheet - Detailed Descr i p ti on
www.ams.com
Revision 1.1
15 - 35
For efficient use of diagnostics, it is recommended to program to clamping levels CLL and CLH.
8.3 PWM Output Driver Parameters
The output stage is configured in a open drain output.
The PWM duty cycle represents the angular output data. All programming features are available for the PWM mode as well. The PWM period is
programmable in four steps and can be programmed by PWMF<2:0>.
CLOAD≤ 33 nF, RPU= 1k…10k
Ω
8.3.1 Noise Suppressor
The noise suppressor is inserted after the angle calculation (first stage) and after range expansion (second stage). This function is capable to
reduce the noise level down to 1 LSB peak to peak over different programing ranges.
4 possible configurations of the noise suppressor can be selected via the OTP bits FILTERCFG<1:0>.
8.3.2 Hysteresis Function
AS5161 device includes a hysteresis function to avoid sudden jumps from CLH to CLL and vice versa caused by noise in the full turn
configuration.
The hysteresis amplitude can be selected via the OTP bits HYSTSEL<1:0>.
Table 9. Different Failure Cases of AS5161
Type
Failure Mode
Symbol
Failure Band
Note
Internal alarms (failures)
Out of magnetic range
(too less or too high magnetic input)
MAGRng
High/Low
Programmable by OTP bit DIAG_HIGH
Cordic overflow
COF
High/Low
Programmable by OTP bit DIAG_HIGH
Offset compensation finished
OCF
High/Low
Programmable by OTP bit DIAG_HIGH
Watchdog fail
WDF
High/Low
Programmable by OTP bit DIAG_HIGH
Oscillator fail
OF
High/Low
Programmable by OTP bit DIAG_HIGH
Application related
failures
Overvoltage condition
OV
High
Dependant on the load resistor
Pull up
→ failure band high
Broken VDD
BVDD
Broken VSS
BVSS
Short circuit output
SCO
High
Switch off
→ short circuit dependent
Table 10. PWM Parameters Output Driver
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PWMF1
PWM frequency 7
PWMF<2:0>=111
109.86
122
134.28
Hz
PWMF2
PWM frequency 6
PWMF<2:0>=110
179.78
200
219.73
Hz
PWMF3
PWM frequency 5
PWMF<2:0>=101
219.73
244
268.55
Hz
PWMF4
PWM frequency 4
PWMF<2:0>=100
329.59
366
402.83
Hz
PWMF5
PWM frequency 3
PWMF<2:0>=011
494.38
549
604.25
Hz
PWMF6
PWM frequency 2
PWMF<2:0>=010
659.18
732
805.66
Hz
PWMF7
PWM frequency 1
PWMF<2:0>=001
988.77
1100
1208.50
Hz
PWMF8
PWM frequency 0
PWMF<2:0>=000
1977.54
2197
2416.2
Hz
PWMDC
PWM duty cycle range
info parameter
4
96
%
PWMVOL
Output voltage low
IOUT=5mA
0
0.4
V
PWMSRF
PWM slew rate (falling edge)
Between 75% and 25%
RPUOUT=4K
Ω; CLOUT=1nF
VDD=5V
12
4
V / µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com