Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5145B-HSST Datasheet(PDF) 29 Page - ams AG

Part # AS5145B-HSST
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145B-HSST Datasheet(HTML) 29 Page - ams AG

Back Button AS5145B-HSST Datasheet HTML 25Page - ams AG AS5145B-HSST Datasheet HTML 26Page - ams AG AS5145B-HSST Datasheet HTML 27Page - ams AG AS5145B-HSST Datasheet HTML 28Page - ams AG AS5145B-HSST Datasheet HTML 29Page - ams AG AS5145B-HSST Datasheet HTML 30Page - ams AG AS5145B-HSST Datasheet HTML 31Page - ams AG AS5145B-HSST Datasheet HTML 32Page - ams AG AS5145B-HSST Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
www.ams.com/AS5145
Revision 1.17
29 - 36
AS5145
Datasheet - Application In form atio n
9.6.5 Internal Timing Tolerance
The AS5145 does not require an external ceramic resonator or quartz. All internal clock timings for the AS5145 are generated by an on-chip RC
oscillator. This oscillator is factory trimmed to ±5% accuracy at room temperature (±10% over full temperature range). This tolerance influences
the ADC sampling rate and the pulse width of the PWM output:
- Absolute output; SSI interface: A new angular value is updated every 96µs (typ) in fast mode and every 384µs (typ) in slow mode.
- PWM output: A new angular value is updated every 384µs (typ). The PWM pulse timings Ton and Toff also have the same tolerance as the
internal oscillator. If only the PWM pulse width Ton is used to measure the angle, the resulting value also has this timing tolerance. How-
ever, this tolerance can be cancelled by measuring both Ton and Toff and calculating the angle from the duty cycle (see Pulse Width Mod-
ulation (PWM) Output on page 17)
Position =
(EQ 6)
9.6.6 Temperature
Magnetic Temperature Coefficient. One of the major benefits of the AS5145 compared to linear Hall sensors is that it is much less
sensitive to temperature. While linear Hall sensors require a compensation of the magnet’s temperature coefficients, the AS5145 automatically
compensates for the varying magnetic field strength over temperature. The magnet’s temperature drift does not need to be considered, as the
AS5145 operates with magnetic field strengths from ±45…±75mT.
Example: A NdFeB magnet has a field strength of 75mT @ –40ºC and a temperature coefficient of -0.12% per Kelvin. The temperature change
is from -40º to +125º = 165K.The magnetic field change is: 165 x -0.12% = -19.8%, which corresponds to 75mT at -40ºC and 60mT at 125ºC.
The AS5145 can compensate for this temperature related field strength change automatically, no user adjustment is required.
9.6.7 Accuracy over Temperature
The influence of temperature in the absolute accuracy is very low. While the accuracy is less than or equal to ±0.5º at room temperature, it can
increase to less than or equal to ±0.9º due to increasing noise at high temperatures.
Timing Tolerance over Temperature. The internal RC oscillator is factory trimmed to ±5%. Over temperature, this tolerance can increase
to ±10%. Generally, the timing tolerance has no influence in the accuracy or resolution of the system, as it is used mainly for internal clock
generation.
The only concern to the user is the width of the PWM output pulse, which relates directly to the timing tolerance of the internal oscillator. This
influence however can be cancelled by measuring the complete PWM duty cycle instead of just the PWM pulse.
9.7 Differences between AS5145H, AS5145A and AS5145B
Table 15. Functional Differences
Function
AS5145H
AS5145A
AS5145B
Filtering mode
Selectable by customer via
Mode pin (see Table 7)
Pre-defined to Fast mode
Mode_Index pin
Input. Must be set hard wired on PCB
Output
Output
Incremental mode setting
Default disabled. Can be enabled by customer
via programming
Pre-defined to 2x256 ppr
low-jitter (10-bit)
Pre-defined to 2x1024
ppr (12-bit)
Resolution absolute angle
output (PWM and SSI)
12-bit angle
t
on
4097
⋅
t
on
t
off
+
()
-------------------------
1
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com