Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5145B-HSST Datasheet(PDF) 35 Page - ams AG

Part # AS5145B-HSST
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145B-HSST Datasheet(HTML) 35 Page - ams AG

Back Button AS5145B-HSST Datasheet HTML 28Page - ams AG AS5145B-HSST Datasheet HTML 29Page - ams AG AS5145B-HSST Datasheet HTML 30Page - ams AG AS5145B-HSST Datasheet HTML 31Page - ams AG AS5145B-HSST Datasheet HTML 32Page - ams AG AS5145B-HSST Datasheet HTML 33Page - ams AG AS5145B-HSST Datasheet HTML 34Page - ams AG AS5145B-HSST Datasheet HTML 35Page - ams AG AS5145B-HSST Datasheet HTML 36Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
www.ams.com/AS5145
Revision 1.17
35 - 36
AS5145
Datasheet - Orderin g Info r m ation
11 Ordering Information
The devices are available as the standard products shown in Table 16.
Note:
All products are RoHS compliant and ams green.
Buy our products or get free samples online at www.ams.com/ICdirect
Technical Support is available at www.ams.com/Technical-Support
For further information and requests, email us at sales@ams.com
(or) find your local distributor at www.ams.com/distributor
Table 16. Ordering Information
Ordering Code
Description
Delivery Form
Package
AS5145H-HSST
12-Bit Programmable Magnetic Rotary Encoder
Tape & Reel
SSOP 16 (5.3mm x 6.2mm)
AS5145A-HSST
Pre-programmed 10-bit incremental
Tape & Reel
AS5145B-HSST
Pre-programmed 12-bit incremental
Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com