Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5262 Datasheet(PDF) 16 Page - ams AG

Part # AS5262
Description  12-Bit Magnetic Angle Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5262 Datasheet(HTML) 16 Page - ams AG

Back Button AS5262 Datasheet HTML 12Page - ams AG AS5262 Datasheet HTML 13Page - ams AG AS5262 Datasheet HTML 14Page - ams AG AS5262 Datasheet HTML 15Page - ams AG AS5262 Datasheet HTML 16Page - ams AG AS5262 Datasheet HTML 17Page - ams AG AS5262 Datasheet HTML 18Page - ams AG AS5262 Datasheet HTML 19Page - ams AG AS5262 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
AS5262
Datasheet - Detailed Descr i p ti on
www.ams.com
Revision 1.1
15 - 36
8.2.8 Analog Output Diagnostic Mode
Due to the low pin count in the application a wrong operation must be indicated by the output pin OUT. This could be realized using the failure
bands. The failure band is defined with a fixed level. The failure band low is specified from 0 to 4% of the supply range over the total operation
range. The failure band high is defined always from 96 to 100%. Several failures can happen during operation. The output signal remains in
these bands over the specified operating and load conditions. All different failures can be grouped into the internal alarms (failures) and the
application related failures.
CLOAD ≤ 33 nF, RPU= 4k…10k
Ω
RPD= 4k…10k
Ω load pull-up
For efficient use of diagnostics, it is recommended to program to clamping levels CLL and CLH.
8.2.9 Analog Output Driver Parameters
The output stage is configured in a push-pull output. Therefore it is possible to sink and source currents.
CLOAD ≤ 33 nF, RPU= 4k…10k
Ω ; RPD= 4k…10kΩ load pull-up
Notes:
1. This parameter will be finally defined after temperature characterisation.
2. Design target for this value is reduced.
Table 9. Different Failure Cases of AS5262
Type
Failure Mode
Symbol
Failure Band
Note
Internal alarms (failures)
Out of magnetic range
(too less or too high magnetic input)
MAGRng
High/Low
Programmable by OTP bit DIAG_HIGH
Cordic overflow
COF
High/Low
Programmable by OTP bit DIAG_HIGH
Offset compensation finished
OCF
High/Low
Programmable by OTP bit DIAG_HIGH
Watchdog fail
WDF
High/Low
Programmable by OTP bit DIAG_HIGH
Oscillator fail
OF
High/Low
Programmable by OTP bit DIAG_HIGH
Application related
failures
Overvoltage condition
OV
High/Low
Dependant on the load resistor
Pull up
→ failure band high
Pull down
→ failure band low
Broken VDD
BVDD
Broken VSS
BVSS
Short circuit output
SCO
High/Low
Switch off
→ short circuit dependent
Table 10. General Parameters for the Output Driver
Symbol
Parameter
Min
Typ
Max
Unit
Note
IOUTSCL
Short circuit output current (low side driver)
5
10
20
mA
VOUT=20V
IOUTSCH
Short circuit output current (high side driver)
-20
-10
-5
mA
VOUT=0V
TSCDET
Short circuit detection time
20
600
µs
output stage turned off
TSCREC
Short circuit recovery time
2
20
ms
output stage turned on
ILEAKOUT
Output Leakage current
-20
20
µA
VOUT=VDD=5V
BGNDPU
Output voltage broken GND with pull-up
96
100
%VDD
BGNDPD
Output voltage broken GND with pull-down
0
4
%VDD
BVDDPU
Output voltage broken VDD with pull-up
96
100
%VDD
BVDDPD
Output voltage broken VDD with pull-down
0
4
%VDD
OUTRATIO
Output ratiometric error
-0.5
0.5
%VDD
OUTDNL
Output DNL
10
(1)
LSB
Between 4% and 96% of VDD
OUTINL
Output INL
-10
(2)
10
(2)
LSB
Between 4% and 96% of VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com