Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5262 Datasheet(PDF) 17 Page - ams AG

Part # AS5262
Description  12-Bit Magnetic Angle Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5262 Datasheet(HTML) 17 Page - ams AG

Back Button AS5262 Datasheet HTML 13Page - ams AG AS5262 Datasheet HTML 14Page - ams AG AS5262 Datasheet HTML 15Page - ams AG AS5262 Datasheet HTML 16Page - ams AG AS5262 Datasheet HTML 17Page - ams AG AS5262 Datasheet HTML 18Page - ams AG AS5262 Datasheet HTML 19Page - ams AG AS5262 Datasheet HTML 20Page - ams AG AS5262 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
AS5262
Datasheet - Application In form atio n
www.ams.com
Revision 1.1
16 - 36
8.2.10 Noise Suppressor
The noise suppressor is inserted after the angle calculation (first stage) and after range expansion (second stage). This function is capable to
reduce the noise level down to 1 LSB peak to peak over different programing ranges.
4 possible configurations of the noise suppressor can be selected via the OTP bits FILTERCFG<1:0>.
8.2.11 Hysteresis Function
AS5262 device includes a hysteresis function to avoid sudden jumps from CLH to CLL and vice versa caused by noise in the full turn
configuration.
The hysteresis amplitude can be selected via the OTP bits HYSTSEL<1:0>.
9 Application Information
9.1 Recommended Application Schematic
Figure 12 shows the recommended schematic in the application. All components marked with (*) are optional and can be used to further
increase the EMC.
Figure 12. AS5262 6-Wire Connection with Pull-Down / Pull-Up Resistors
C1_x
Electric Control Unit
C2_x
C3_x
C4_x*
R1_x*
R2_x*
RLPD_T
CL_T
TP1_T
TP1_B
16
13
14
15
5
8
7
6
1
4
3
2
12
9
10
11
S_B
S_T
TP3_B
TP3_T
AS5262
VDD3V3_T
VDD3V3_B
RLPD_B
CL_B
Sensor PCB
VDD1
VDD2
GND1
GND2
OUT2
OUT1
C1_x
Electric Control Unit
C2_x
C3_x
C4_x*
R1_x*
R2_x*
RLPU_T
CL_T
TP1_T
TP1_B
16
13
14
15
5
8
7
6
1
4
3
2
12
9
10
11
S_B
S_T
TP3_B
TP3_T
AS5262
VDD3V3_T
VDD3V3_B
RLPU_B
CL_B
Sensor PCB
VDD1
VDD2
GND1
GND2
OUT2
OUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com