Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5304 Datasheet(PDF) 2 Page - ams AG

Part # AS5304
Description  Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5304 Datasheet(HTML) 2 Page - ams AG

  AS5304_13 Datasheet HTML 1Page - ams AG AS5304_13 Datasheet HTML 2Page - ams AG AS5304_13 Datasheet HTML 3Page - ams AG AS5304_13 Datasheet HTML 4Page - ams AG AS5304_13 Datasheet HTML 5Page - ams AG AS5304_13 Datasheet HTML 6Page - ams AG AS5304_13 Datasheet HTML 7Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AS5304 Magnet Specification
2013-Sep [1-00]
page 2/7
1
General Description
This specification defines the dimensional and magnetic properties of a multipole magnetic ring for
use with the AS5304 magnetic encoder for off-axis rotary applications.
Figure 1
AS5304 with multipole ring magnet for off-axis rotary motion sensing (not to scale)
Note:
The MR20-44 magnet contains only the magnetic ring (see picture on the right), the metal carrier is
shown for illustration purposes only
2
Multipole Ring Magnets for the AS5304
Figure 2 shows the proper placement of a multipole ring over the AS5304. The centerline of the
magnetic ring (median Hall sensor scan path) is located over the Hall array (see Figure 3).
The magnetic ring is designed such that the pole length lp matches the required length at the scan
path (typically the center) of the ring. The IC is oriented in perpendicular with respect to the rotation
center.
The correct measurement radius can be calculated by the number of poles of the magnet ring and
the specified pole length:
These figures can be determined by the code of the magnet:



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com