Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5304 Datasheet(PDF) 3 Page - ams AG

Part # AS5304
Description  Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5304 Datasheet(HTML) 3 Page - ams AG

  AS5304_13 Datasheet HTML 1Page - ams AG AS5304_13 Datasheet HTML 2Page - ams AG AS5304_13 Datasheet HTML 3Page - ams AG AS5304_13 Datasheet HTML 4Page - ams AG AS5304_13 Datasheet HTML 5Page - ams AG AS5304_13 Datasheet HTML 6Page - ams AG AS5304_13 Datasheet HTML 7Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AS5304 Magnet Specification
2013-Sep [1-00]
page 3/7
M: Magnet
R: Ring
S: Strip
Number of poles
Nominal pole length in 1/10 mm
AS5304 = 20 (2.0mm)
AS5306 = 12 (1.2mm)
MR20-44
The correct measurement radius for the MR20-44 magnet ring is therefore:
π
*
2
_
_
*
)
(
_
poles
of
number
mm
length
pole
rm
=
mm
rm
00
.
14
*
2
44
*
0
.
2
=
=
π
Figure 2
Proper placement of the ring magnet (not to scale)
rm
lp
ri
ro
median Hall sensor
scan path



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com