Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5510DWLT Datasheet(PDF) 12 Page - ams AG

Part # AS5510DWLT
Description  Linear Hall Sensor with IC Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5510DWLT Datasheet(HTML) 12 Page - ams AG

Back Button AS5510DWLT Datasheet HTML 8Page - ams AG AS5510DWLT Datasheet HTML 9Page - ams AG AS5510DWLT Datasheet HTML 10Page - ams AG AS5510DWLT Datasheet HTML 11Page - ams AG AS5510DWLT Datasheet HTML 12Page - ams AG AS5510DWLT Datasheet HTML 13Page - ams AG AS5510DWLT Datasheet HTML 14Page - ams AG AS5510DWLT Datasheet HTML 15Page - ams AG AS5510DWLT Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
www.ams.com/AS5510
Revision 0.1
11 - 18
AS5510
Datasheet - Detailed Descr i p ti on
Figure 7. Data Write - Slave Receiver Mode
Slave Transmitter Mode (Read Mode). The first byte is received and handled as in the slave receiver mode. However, in this mode, the
direction bit indicates that the transfer direction is reversed. Serial data is transmitted on SDA by the AS5510 while the serial clock is input on
SCL. START and STOP conditions are recognized as the beginning and end of a serial transfer (Figure 8 and Figure 9). The slave address byte
is the first byte received after the master generates a START condition. The slave address byte contains the 7-bit AS5510 address. The 7-bit
slave address is followed by the direction bit (R/W), which, for a read, is 1. After receiving and decoding the slave address byte the device
outputs an acknowledge on the SDA line. The AS5510 then begins to transmit data starting with the register address pointed to by the register
pointer. If the register pointer is not written to before the initiation of a read mode the first address that is read is the last one stored in the register
pointer. The AS5510 must receive a “not acknowledge” to end a read.
Figure 8. Data Read (from Current Pointer Location) - Slave Transmitter Mode
S
1010110
0
A
XXXXXXXX
A
XXXXXXXX
A
XXXXXXXX
NA
S – Start
A – Acknowledge (ACK)
Data transferred: X+1 Bytes + Acknowledge
P – Stop
P
<Slave address>
<Word address (n)>
<Data(n)>
<Data(n+X)>
XXXXXXXX
A
<Data(n+1)>
S
1010110
1
A
XXXXXXXX
A
XXXXXXXX
A
XXXXXXXX
NA
S – Start
A – Acknowledge (ACK)
Data transferred: X+1 Bytes + Acknowledge
NA – Not Acknowledge (NACK)
Note: Last data byte is followed by NACK
P – Stop
P
<Slave address>
<Data(n)>
<Data(n+1)>
<Data(n+X)>
XXXXXXXX
A
<Data(n+2)>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com