Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5510DWLT Datasheet(PDF) 13 Page - ams AG

Part # AS5510DWLT
Description  Linear Hall Sensor with IC Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5510DWLT Datasheet(HTML) 13 Page - ams AG

Back Button AS5510DWLT Datasheet HTML 9Page - ams AG AS5510DWLT Datasheet HTML 10Page - ams AG AS5510DWLT Datasheet HTML 11Page - ams AG AS5510DWLT Datasheet HTML 12Page - ams AG AS5510DWLT Datasheet HTML 13Page - ams AG AS5510DWLT Datasheet HTML 14Page - ams AG AS5510DWLT Datasheet HTML 15Page - ams AG AS5510DWLT Datasheet HTML 16Page - ams AG AS5510DWLT Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
www.ams.com/AS5510
Revision 0.1
12 - 18
AS5510
Datasheet - Detailed Descr i p ti on
Figure 9. Data Read (Write Pointer, Then Read) - Slave Receive and Transmit
Automatic increment of address pointer. The AS5510 slave automatically increments the address pointer after each byte transferred.
The increase of the address pointer is independent from the address being valid or not.
Invalid Addresses. If the user sets the address pointer to an invalid address, the address byte is not acknowledged. Nevertheless a read or
write cycle is possible. The address pointer is increased after each byte.
Reading. When reading from a wrong address, the AS5510 slave returns all zero. The address pointer is increased after each byte. Sequential
read over the whole address range is possible including address overflow.
Write. A write to a wrong address is not acknowledged by the AS5510 slave, although the address pointer is increased. When the address
pointer points to a valid address again, a successful write accessed is acknowledged. Page write over the whole address range is possible
including address overflow.
7.4 SDA, SCL Input Filters
Input filters for SDA and SCL inputs are included to suppress noise spikes of less than 50ns. Furthermore the SDA line is delayed by 120ns to
provide an internal hold time for Start/Stop detection to bridge the undefined region of the falling edge of SCL. The delay needs to be smaller
than tHD.STA 260ns. For Standard-mode and Fast-mode an internal hold time of 300ns is required, which is not covered by the AS5510 slave.
7.5 Register Map and Description
Table 8. Register Map
Register Address
Bit
Access
Type
7
6
5
4
3
2
1
0
00h
D7
D6
D5
D4
D3
D2
D1
D0
R
01h
OCF
Parity (even)
D9
D8
R
02h
Fast(0)
Slow mode (1) Polarity(0)
PD(0)
R/W
03h
Offs7
Offs6
Offs5
Offs4
Offs3
Offs2
Offs1
Offs0
R/W
04h
Offs9
Offs8
R/W
05h
Reserved for factory testing
R/W
06h
07h
0Bh
Sens 1
Sens 0
R/W
S
1010110
0
A
XXXXXXXX
A
1010110
1
XXXXXXXX
A
S – Start
SA – Repeated Start
A – Acknowledge (ACK)
Data transferred: X+1 Bytes + Acknowledge
NA – Not Acknowledge (NACK)
Note: Last data byte is followed by NACK
P – Stop
P
<Slave address>
<Word Address (n)>
<Slave Address>
<Data(n+1)>
XXXXXXXX
A
<Data(n)>
Sr
A
XXXXXXXX
NA
<Data(n+X)>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com