Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8002AQFP Datasheet(PDF) 13 Page - ams AG

Part # AS8002AQFP
Description  Solar Photovoltaic Inverter Measurement IC with Fast Over Current Detection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8002AQFP Datasheet(HTML) 13 Page - ams AG

Back Button AS8002AQFP Datasheet HTML 9Page - ams AG AS8002AQFP Datasheet HTML 10Page - ams AG AS8002AQFP Datasheet HTML 11Page - ams AG AS8002AQFP Datasheet HTML 12Page - ams AG AS8002AQFP Datasheet HTML 13Page - ams AG AS8002AQFP Datasheet HTML 14Page - ams AG AS8002AQFP Datasheet HTML 15Page - ams AG AS8002AQFP Datasheet HTML 16Page - ams AG AS8002AQFP Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.austriamicrosystems.com/AS8002
Revision 1.1
12 - 24
AS8002
Data Sheet - D e t a i l e d D e s c r i p t i o n
7.5 SPI Timing
Figure 7. Timing Diagram
Note:
The data on SDO initially reflects the data corresponding to the previous command on SDI. Hence, in write mode, the full 16-bit data of
a measurement can be read.
Table 6. Timing Characteristics
Parameter
Description
Min
Max
Unit
tL
Time between SCSB falling edge and SCK rising edge
350
ns
tSCLK
Serial clock period
100
ns
tSCLKL
Low period of serial clock
50
ns
tSCLKH
High period of serial clock
50
ns
tH
Time between last falling edge of SCK and rising edge
of SCSB
tSCK / 2
ns
tXSSH
High time of SCSB between two transmissions
350
ns
tSDI
Data input valid to rising clock edge
20
ns
tSDO
SCLK falling edge to data output valid
20
ns
SCSB
(Input)
SCLK
(Input)
SDI
(Input)
SDO
(Output)
tsclk
tL
tSDI
tSDO
tOZ
tOZ
tH
tXSSH
tsclkL
tsclkH
data[15]
data[15]
data[14]
data[14]
data[0]
data[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com