Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8002AQFP Datasheet(PDF) 2 Page - ams AG

Part # AS8002AQFP
Description  Solar Photovoltaic Inverter Measurement IC with Fast Over Current Detection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8002AQFP Datasheet(HTML) 2 Page - ams AG

  AS8002AQFP Datasheet HTML 1Page - ams AG AS8002AQFP Datasheet HTML 2Page - ams AG AS8002AQFP Datasheet HTML 3Page - ams AG AS8002AQFP Datasheet HTML 4Page - ams AG AS8002AQFP Datasheet HTML 5Page - ams AG AS8002AQFP Datasheet HTML 6Page - ams AG AS8002AQFP Datasheet HTML 7Page - ams AG AS8002AQFP Datasheet HTML 8Page - ams AG AS8002AQFP Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
AS8002
Solar Photovoltaic Inverter Measurement IC with Fast Over Current
Detection
www.austriamicrosystems.com/AS8002
Revision 1.1
1 - 24
Data Sheet
1 General Description
Power inverters in solar photovoltaic systems are often connected
directly to the electricity grid in order to inject the created energy into
the mains and act as an electricity supplier. This energy must comply
with certain regulations that set the standard in terms of quality and
safety which requires of accurate measurements.
The AS8002 is a highly accurate measurement IC that allows
monitoring the generated energy with low cost shunt resistors or
other sensors for the current and resistor dividers for the voltage.
This approach allows avoiding more expensive sensing devices
while achieving the required accuracy for DC and AC measurements
of current and voltage, as well as stability over the operating
temperature range of the inverter.
The 12-bit ADC samples the voltage and current and provides their
instantaneous values through an SPI interface.
The 12-bit ADC is preceded by low noise programmable gain
amplifiers in order to accommodate different sensors.
The ADC has three multiplexed inputs, offering one secondary
channel in addition to the main voltage and current.
The on-chip temperature sensor provides the inverter designer the
option of temperature compensation for any of the measured
parameters or functional blocks provided, over the full operating
temperature range of the device.
The on-chip voltage reference is connected to the ADC and to REF.
An external crystal oscillator is not required as a high accuracy
internal oscillator clock is available.
The independent over current interrupt detects a high current on the
grid and allows the processor to open the switches without waiting
for the ADC conversion.
2 Key Features
12-Bit 100 kSPS ADCs for accurate voltage and current
measurement
Programmable gain amplifiers to accommodate for different
sensors
Three multiplexed inputs to the 12-Bit ADC for secondary
measurements that require high accuracy and fast sampling
rates
On chip temperature sensor connected to one of the inputs of
the multiplexer
On-chip voltage reference with small temperature coefficient
(10ppm/K typ). This reference is available at the pin REF.
Low power on chip oscillator
SPI compatible interface
Internal registers for easy offset and gain compensation
Interrupt alerts (including Under Voltage Lock-Out and Over
Temperature)
Independent programmable over current interrupt
3 Applications
The AS8002 is suitable for PV inverter grid monitoring, Wind inverter
grid monitoring, Isolated voltage sensing, Uninterruptible Power
supplies and Power conditioners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com