Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8501 Datasheet(PDF) 19 Page - ams AG

Part # AS8501
Description  High precision voltage and current measurement sensor interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8501 Datasheet(HTML) 19 Page - ams AG

Back Button AS8501 Datasheet HTML 15Page - ams AG AS8501 Datasheet HTML 16Page - ams AG AS8501 Datasheet HTML 17Page - ams AG AS8501 Datasheet HTML 18Page - ams AG AS8501 Datasheet HTML 19Page - ams AG AS8501 Datasheet HTML 20Page - ams AG AS8501 Datasheet HTML 21Page - ams AG AS8501 Datasheet HTML 22Page - ams AG AS8501 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
AS8501 - Data Sheet
austriamicrosystems
Revision 1.1, 04-April-06
www.austriamicrosystems.com
Page 18 of 40
subregister CRU: calibration constant selection for voltage path ( 3 bits) in registers CRA,CRB
Nr.
Calibration const. U
cu2 cu1 cu0
NOTE
0
CAU0
0
0
0
1
CAU1
0
0
1
2
CAU2
0
1
0
3
CAU3
0
1
1
4
CAU4
1
0
0
5
CAU5
1
0
1
6
1548
1
1
0
7
1548
1
1
1
subregister CRM: measurement path for registers CRA,CRB
Nr.
Bits
13
12
11
10
9
NOTE
CRA bit
names
M5
M4
M3
M2
M1 1), 2)
1
Defaults
0
0
0
0
1 measurement RSHH-RSHL
2
0
1
0
0
0 voltage bus
3
0
1
0
1
0 voltage bus, internal temperature
4
0
1
1
0
0 voltage bus, reference low=RSHL
5
1
0
0
0
0 voltage bus, gain=1
6
1
0
0
1
0 voltage bus,gain=1, internal temperature
7
1
0
1
0
0 voltage bus, gain=1, reference low=RSHL
Notes:
1) these bits define the inner part of the voltage path settings
2) only the listed combinations are allowed
subregister GN: gain definition bits, Registers CRA,CRB
Nr.
GAIN
g1
g0
NOTE
0
6
0
0
1
24
0
1
2
50
1
0
3
100
1
1
subregister OSF: oversampling frequency bit, Registers CRA,CRB
Nr.
Fovs (fclk=8MHz)
Fovs (internal osc)
f
NOTE
0
2.048MHz
132kHz
0 1)
1
4.096MHz
264kHz
1 1)
Notes:
1)
For internal oscillator typical values
subregister OSR: oversampling ratio bit, Registers CRA, CRB
Nr.
R1
r
NOTE
0
64
0
1
128
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com