Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8501 Datasheet(PDF) 6 Page - ams AG

Part # AS8501
Description  High precision voltage and current measurement sensor interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8501 Datasheet(HTML) 6 Page - ams AG

Back Button AS8501 Datasheet HTML 2Page - ams AG AS8501 Datasheet HTML 3Page - ams AG AS8501 Datasheet HTML 4Page - ams AG AS8501 Datasheet HTML 5Page - ams AG AS8501 Datasheet HTML 6Page - ams AG AS8501 Datasheet HTML 7Page - ams AG AS8501 Datasheet HTML 8Page - ams AG AS8501 Datasheet HTML 9Page - ams AG AS8501 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
AS8501 - Data Sheet
austriamicrosystems
Revision 1.1, 04-April-06
www.austriamicrosystems.com
Page 5 of 40
6
Electrical characteristics
VDDA=5V +/-0.1 V, fclk=8.192 MHz, chopping ratio MM=4 (see 7.5.3), oversampling frequency=2.048 MHz, oversampling ratio=128
temperature range : -40 to 125°C if not otherwise noted
symbol
parameter
conditions
min
typ
max
units
input characteristics
G1
for gain 1 the input signal is connected directly to th input of the converter, this is not possible for the RSHH-RSHL
input
Gain
gains of PGA
6, 24, 50, 100
1)
AC_g6
Accuracy at gain 6
0 to 85 °C
1.0
% @-120mV
2)
-40 to 125°C
1.5
% @-120mV
3),4)
AC_g24
Accuracy at gain 24
0 to 85 °C
0.5
0.08
% @+-20mV
2)
-40 to 125°C
1.5
0.3
% @+-20mV
3) 4)
AC_g50
Accuracy at gain 50
0 to 85 °C
1.0
% @+-10mV
4)
AC_g100
Accuracy at gain 100
0 to 85 °C
1.0
% @+-5mV
4)
Vin
input voltage ranges
G1
-350
-300 to + 800
900
mV
5) 6)
(with reference to RSHL)
G6
-200
+/- 120
160
mV
5) 7)
G24
-40
+/- 30
40
mV
5) 7)
G50
-20
+/- 15
20
mV
5) 8)
G100
-10
+/- 7.5
10
mV
5) 8)
Notes:
1)
the absolute gain values are subjected to a manufacturing spread of +/-30% max in the full temperature range. all gain values can be digitally
calibrated together with the external circuitry with a resolution better than 0.065%
2)
Current measurement paths for G6 and G24 are trimmed for minimum Temperature coefficient. The trimm algorithm is based on a 2 temperature
measurement at 23°C and 60°C.
Accuracy is mainly determined by bandgap characteristic and gain variation over temperature.
A TC shift of typically -15 ppm/K will occure during solder process which is compensated by a systematic offset during trimming.
3)
due to a nonlinear behaviour of the gain and reference voltage over temperature the accuracy is lower for the extended temperature range.
4)
The minimum limits for G50, G100 are derived from device characterization and not tested. Towards 125°C the TC values are higher.
therefore it is recommended to use these gain settings only for applications in the temperature range 0 to 85°C.
5)
if not otherwise specified the ranges are calibrated to the typical values. The maximum and minimum value represent the maximum usable span
accepting linearity deviation up to 1000 digits. Min, max limits are tested at room temperature only!
6)
this gain range is not using the internal PGA, the input is directely connected to the AD-converter. Therefore the input resistance is lower then for
other gain ranges.
It has been designed mainly for positive input voltages up to 0.8 V i.e. for measurements of temperature with transistors and diodes.
The limitation for negative input voltages is due to the onset of conduction of the input protection diodes.
7)
the ASSP is optimised for G6 and G24 concerning linearity, speed and TC, therefore these ranges are recommended whenever possible.
8)
because of higher TC value at elevated temperature G50 and G100 are recommended for applications in the temperature range 0 to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com