Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3771 Datasheet(PDF) 13 Page - ams AG

Part # TCS3771
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3771 Datasheet(HTML) 13 Page - ams AG

Back Button TCS3771 Datasheet HTML 9Page - ams AG TCS3771 Datasheet HTML 10Page - ams AG TCS3771 Datasheet HTML 11Page - ams AG TCS3771 Datasheet HTML 12Page - ams AG TCS3771 Datasheet HTML 13Page - ams AG TCS3771 Datasheet HTML 14Page - ams AG TCS3771 Datasheet HTML 15Page - ams AG TCS3771 Datasheet HTML 16Page - ams AG TCS3771 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
TCS3771
COLOR LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS110A − MARCH 2011
12
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
LED On
LED Off
14
ms
IR LED Pulses
Subtract
Background
Add IR +
Background
Figure 11. Proximity IR LED Waveform
The proximity integration time (PTIME) is the period of time that the internal ADC converts the analog signal
to a digital count. It is recommend that this be set to a minimum of PTIME = 0xFF or 2.4 ms.
The combination of LED power and number of pulses can be used to control the distance at which the sensor
can detect proximity. Figure 12 shows an example of the distances covered with settings such that each curve
covers 2
× the distance. Counts up to 64 pulses provide a 16× range.
Figure 12
PROXIMITY ADC COUNT
vs.
RELATIVE DISTANCE
Relative Distance
1
y 2y 4y
8
y
16
y
0
200
400
600
800
1000
100 mA,
64 Pulses
100 mA,
16 Pulses
100 mA,
4 Pulses
100 mA,
1 Pulse
25 mA,
1 Pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com